Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 14Page - STMicroelectronics UM0934 Datasheet HTML 15Page - STMicroelectronics UM0934 Datasheet HTML 16Page - STMicroelectronics UM0934 Datasheet HTML 17Page - STMicroelectronics UM0934 Datasheet HTML 18Page - STMicroelectronics UM0934 Datasheet HTML 19Page - STMicroelectronics UM0934 Datasheet HTML 20Page - STMicroelectronics UM0934 Datasheet HTML 21Page - STMicroelectronics UM0934 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 113 page
background image
Physical layer
UM0934
18/113
Doc ID 17389 Rev 2
Figure 5.
PHY synchronization services
3.6
Additional features
The ST7570 embeds additional features in the PHY layer to collect or estimate additional
information useful for MAC and upper layers.
3.6.1
Signal and noise estimation
The ST7570 performs an estimation of signal and noise on every received physical frame.
Two estimations are provided, with different accuracy:
●
Raw estimation: performed on PRE+SSD sequence
●
Fine estimation: performed on P_sdu.
Raw estimation
This function provides an estimation of signal and noise amplitudes, as detected by the
ST7570 at the RX_IN pin. Signal and noise amplitudes are estimated separately on channel
0 and channel 1 during the preamble (PRE) and SSD sequence (4 bytes). The estimated
amplitudes are stored in the MIB objects 000Dh (S0, N0, PGA, Section 6.5.14) and 000Eh
(S1, N1, phase, Section 6.5.15) and provided through unsolicited indications
(CMD_SynchroIndication, Section 5.3.1, and SPY_SynchroFoundIndication,
Section 5.3.20).
In order to convert from a raw number (“value” as stored in the MIB) to an RMS voltage
value expressed in dB
µV, use Equation 1:
P_Sync.request
P_Sync.indication
PHY
Layer
Embedded MAC layer
or external Host
Local Node
Power Line
New time-slot
synchronization
Current time-slot
synchronization
Is rejected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com