Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 86 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 82Page - STMicroelectronics UM0934 Datasheet HTML 83Page - STMicroelectronics UM0934 Datasheet HTML 84Page - STMicroelectronics UM0934 Datasheet HTML 85Page - STMicroelectronics UM0934 Datasheet HTML 86Page - STMicroelectronics UM0934 Datasheet HTML 87Page - STMicroelectronics UM0934 Datasheet HTML 88Page - STMicroelectronics UM0934 Datasheet HTML 89Page - STMicroelectronics UM0934 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 113 page
background image
Management information base (MIB)
UM0934
86/113
Doc ID 17389 Rev 2
6.5.30
00A1h (PLC configuration)
This object stores the settings used to configure the modem. Table 137 below lists these
features:
Read/write confirm data format:
The same as request.
Table 137.
MIB object 00A1h: Write request data format
Byte
Label
Description
Available range
Factory default
0
Operating mode,
bit rate
b0..b2: operating mode
• 0: IDLE (Not Set or Not Configured)
• 1: Client (Master)
• 2: Server (Slave)
• 3: Monitor (Spy or Sniffer)
• 4: Test on Ch.0 (Single tone continuous
transmission on ch. 0)
• 5: Test on Ch.1 (Single tone continuous
transmission on ch. 1)
• 6: Test on Ch.0 and Ch.1 (Alternate tones
continuous transmission)
0 ... 6
IDLE (0)
b3..b4: bit rate
• 0: 1200 bit/s
• 1: 2400 bit/s
0 .. 1
0
b5..7:
unused
1PLL freq
b0..b2: reserved
0
0
b3: zero-crossing Synchronization (PLL)
• 0: Mains frequency is 50 Hz
• 1: Mains frequency is 60 Hz
0 .. 1
50 Hz (0)
b4: reserved
0
0
b5..7: unused
2
Target output
gain
The gain used during transmission, as
attenuation from -31 to 0 dB (3.6.5)
00h..1Fh
10h
3..5
f0
Data 0 frequency (Hz)
Any value in CENELEC
band A, B, C
74000 Hz
(012100h)
6..8
f1
Data 1 frequency (Hz)
Any value in CENELEC
band A, B, C
63300 Hz
(00F744h)
9..11
PAD
Padding bytes
0
-
12
Access layer
mode
1: Physical layer mode (PHY)
2: MAC layer mode (MAC)
1 .. 2
1 (PHY)
13
TX current
limiting
TX current limiting enable flag:
0: disabled
1: enabled
0 .. 1
0 (Disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com