Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 73 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 69Page - STMicroelectronics UM0934 Datasheet HTML 70Page - STMicroelectronics UM0934 Datasheet HTML 71Page - STMicroelectronics UM0934 Datasheet HTML 72Page - STMicroelectronics UM0934 Datasheet HTML 73Page - STMicroelectronics UM0934 Datasheet HTML 74Page - STMicroelectronics UM0934 Datasheet HTML 75Page - STMicroelectronics UM0934 Datasheet HTML 76Page - STMicroelectronics UM0934 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 113 page
background image
UM0934
Management information base (MIB)
Doc ID 17389 Rev 2
73/113
6.5.11
000Ah (valid frame counter)
This object stores the number of the valid received MAC frames. The counter is increased if
all the FI fields, number of NS subframes, and the CRC are correct.
The confirm message of a CMD_ReadDBRequest returns the current value of the counter
without changing it. The CMD_WriteDBRequest resets the value of the counter (0) and the
confirm message returns the reset value (0).
6.5.12
000Bh (TIC selector and repeater setting)
This object stores the ST7570 repeater settings and the inter-character timeout (TIC) value.
Both parameters are available in MAC mode, whereas in PHY mode only the inter-character
timeout selector bit (b7) is active and all the other bits must be set at 0, otherwise an
ERR_ILLEGAL_DATA_COMMAND error message is returned.
Table 93.
MIB object 0009h: Write error data format
Byte
Returned value
Error description
0
ERR_UNAVAILABLE_RESOURCE
The modem is not configured as MAC
ERR_ILLEGAL_DATA_COMMAND
Wrong number of data bytes
ERR_REQUEST_NOT_ALLOWED
The modem is configured as MONITOR
Table 94.
MIB object 000Ah: Write request data format
Byte
Label
Description
Available range
Factory default
0..3
PAD
PAD word (any value)
0 .. FFFFFFFFh
0
Table 95.
MIB object 000Ah: Read/write confirm data format
Byte
Label
Description
Available range
Factory default
0..3
Valid frame counter
Valid frame counter value
0 .. FFFFFFFFh
0
Table 96.
MIB object 000Ah: Write error data format
Byte
Returned value
Error description
0
ERR_UNAVAILABLE_RESOURCE
The modem is not configured as MAC
ERR_ILLEGAL_DATA_COMMAND
Wrong number of data bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com