Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 24Page - STMicroelectronics UM0934 Datasheet HTML 25Page - STMicroelectronics UM0934 Datasheet HTML 26Page - STMicroelectronics UM0934 Datasheet HTML 27Page - STMicroelectronics UM0934 Datasheet HTML 28Page - STMicroelectronics UM0934 Datasheet HTML 29Page - STMicroelectronics UM0934 Datasheet HTML 30Page - STMicroelectronics UM0934 Datasheet HTML 31Page - STMicroelectronics UM0934 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 113 page
background image
MAC layer
UM0934
28/113
Doc ID 17389 Rev 2
4.5.1
Local MAC address
Each station in the network is identified through a unique local MAC address, stored in the
MIB object 0001h (local MAC address, Section 6.5.2). When the node has been configured
as Server or Monitor, by default, the initial value for the local MAC address is NEW (FFEh).
When the node has been configured as Client, the local MAC address is automatically set
equal to FIMA address. It is then the responsibility of the upper layers to assign a unique
address to each station within the range address space (000h-FFFh).
4.5.2
Address space
The available address space, ranging from 000h up to FFFh, is allocated to nodes belonging
to the network according to:
●
The node type (Client or Server)
●
Application related parameters, programmable through MIB objects:
–
First initiator MAC address (FIMA) is the first address available for Clients
–
Last initiator MAC address (LIMA) is the last address available for Clients
Refer to Table 5 for local MAC address fixed values.
4.5.3
Reception
When a valid long MAC frame is received by a server, the MAC compares the destination
address (DA) and the local MAC address and generates an M_Data.Indication(DA, SA,
M_sdu) if at least one of the following cases is verified:
●
DA matches the local MAC address
●
DA matches one of the group addresses
●
DA is the broadcast address.
In the case of a Client receiving the long frame, it generates an M_Data.Indication(DA, SA,
M_sdu) regardless of the originator and destination of the frame.
Table 5.
Local MAC address
Value
Description
000h
Reserved
001h
Server
...
FIMA-1
FIMA
Client
...
LIMA
FFCh
Reserved
FFEh
New
FFFh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com