Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 49 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 45Page - STMicroelectronics UM0934 Datasheet HTML 46Page - STMicroelectronics UM0934 Datasheet HTML 47Page - STMicroelectronics UM0934 Datasheet HTML 48Page - STMicroelectronics UM0934 Datasheet HTML 49Page - STMicroelectronics UM0934 Datasheet HTML 50Page - STMicroelectronics UM0934 Datasheet HTML 51Page - STMicroelectronics UM0934 Datasheet HTML 52Page - STMicroelectronics UM0934 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 113 page
background image
UM0934
Host interface
Doc ID 17389 Rev 2
49/113
5.3.4
CMD_ResetRequest (21h)
This command is used by the external host to force a software reset in the ST7570.
The host can decide to keep the current configuration (automatically refreshed through the
auto-reconfiguration procedure) or to reload the factory default settings.
After the reset, the ST7570 sends a confirmation with the same command code.
5.3.5
CMD_WriteDBRequest (41h)
This command is used by the external host to access an object of the MIB.
The ST7570 checks the parameters for validation:
●
If the check is valid, the object is updated in the database and ST7570 replies with a
CMD_WriteDBConfirm (Section 5.3.6)
●
If the check is not valid, the request is rejected and the ST7570 replies with a
CMD_WriteDBError (Section 5.3.7).
Table 23.
CMD_ResetRequest: Syntax
Source
Command(Args)
Possible response
Ext. host
CMD_ResetRequest(ResetData)
CMD_ResetRequest(ResetConfirm)
Table 24.
CMD_ResetRequest: ResetData
Byte index
Label
Description
0
RESET
Auto-reconfiguration bypass
0 = OFF: The system performs an auto-reconfiguration. All the registers are
refreshed with the previous configuration, if no corruption occurred
(Section 7.2)
1 = ON: The auto-reconfiguration is by-passed. All the registers are loaded
with the factory default values.
Table 25.
CMD_ResetRequest: ResetConfirm
Byte index
Label
Description
0
RESET
0: The reset request has been taken into account
Table 26.
CMD_WriteDBRequest: Syntax
Source
Command(Args)
Possible response
Ext. host CMD_WriteDBRequest(RequestData)
Request accepted:
CMD_WriteDBConfirm(RequestData)
Request rejected: CMD_WriteDBError(ErrorData)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com