Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 43 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 39Page - STMicroelectronics UM0934 Datasheet HTML 40Page - STMicroelectronics UM0934 Datasheet HTML 41Page - STMicroelectronics UM0934 Datasheet HTML 42Page - STMicroelectronics UM0934 Datasheet HTML 43Page - STMicroelectronics UM0934 Datasheet HTML 44Page - STMicroelectronics UM0934 Datasheet HTML 45Page - STMicroelectronics UM0934 Datasheet HTML 46Page - STMicroelectronics UM0934 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 113 page
background image
UM0934
Host interface
Doc ID 17389 Rev 2
43/113
Data communication from the external host to the ST7570
When the external host needs to initiate a data transfer to the ST7570, it must set the
T_REQ signal at low level. The ST7570 answers within the TPOLL delay with the status
message confirming or not the data channel availability.
If the communication is possible, the external host can start sending a local frame within the
TSR delay. The T_REQ signal is set to a high logic value as soon as the first character (STX)
of the local frame (Section 5.2.1) has been sent. If the first byte of the local frame is not
received before the TSR delay, the ST7570 ignores it.
At the end of the data reception on the RXD line, the ST7570 sends an acknowledgement
message on the TXD line to inform the status of the transmission (ACK or NAK).
Figure 17.
Data flow from external host to the ST7570
If the length and the checksum of the local frame are both correct, the ST7570
acknowledges with an ACK character. In other cases, it answers with an NAK character.
In the case of an NAK response or no acknowledgement from the ST7570 within the TACK
timeout, a complete sequence must be restarted to repeat the frame.
Data communication from the ST7570 to the external host
When the ST7570 needs to transmit a frame to the host, it can directly send it without any
previous request.
Figure 18.
Data flow from the ST7570 to the external host
If the length and the checksum of the local frame are both correct, the external host micro
acknowledges with an ACK character. In other cases, it answers with an NAK character.
T_REQ
Local Frame from External Host
Status
ACK
RXD
TXD
TPOLL
TSR
TACK
T_REQ
NAK
Local Frame
from ST7570
RXD
TXD
TACK
TWBC
ACK
Local Frame
from ST7570
Local Frame
from ST7570
TACK
TWBC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com