Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 41 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 37Page - STMicroelectronics UM0934 Datasheet HTML 38Page - STMicroelectronics UM0934 Datasheet HTML 39Page - STMicroelectronics UM0934 Datasheet HTML 40Page - STMicroelectronics UM0934 Datasheet HTML 41Page - STMicroelectronics UM0934 Datasheet HTML 42Page - STMicroelectronics UM0934 Datasheet HTML 43Page - STMicroelectronics UM0934 Datasheet HTML 44Page - STMicroelectronics UM0934 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 113 page
background image
UM0934
Host interface
Doc ID 17389 Rev 2
41/113
ALARM
: alarm reception notification (if the bit is active one time only, at the next status
message sent by the ST7570 after receiving an alarm only)
0: No alarm reception after the previous Status Message
1: Alarm reception after the previous Status Message
ZC_FAILURE
: notification of Zero Crossing loss
0: the internal ZC PLL is properly locked at the frequency set (50 Hz or 60 Hz)
1: the internal ZC PLL is not locked at the frequency set
TS_COUNTER
[2..0]: Time-slot counter
Possible values from 0 to 7
DELTA_PHASE
[2..0]: Electrical delta-phase
INVALID_FRAME
[7..0]: Invalid frames
LSByte of MIB object 0006h (invalid frame counter).
MIN_CREDIT
[3..0]: Minimum delta credit
Possible values from 0 to 7
REPEATER
: Repeater status
0: not a repeater
1: repeater
Table 12.
Delta-phase
Delta_Phase value
Phase [
°]
0
Not measured
10
2+60
3
+120
4
±180
5
-120
6-60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com