Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 33Page - STMicroelectronics UM0934 Datasheet HTML 34Page - STMicroelectronics UM0934 Datasheet HTML 35Page - STMicroelectronics UM0934 Datasheet HTML 36Page - STMicroelectronics UM0934 Datasheet HTML 37Page - STMicroelectronics UM0934 Datasheet HTML 38Page - STMicroelectronics UM0934 Datasheet HTML 39Page - STMicroelectronics UM0934 Datasheet HTML 40Page - STMicroelectronics UM0934 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 113 page
background image
UM0934
Host interface
Doc ID 17389 Rev 2
37/113
The UART interface has two data channels:
●
TXD carries data from the ST7570 to the host
●
RXD carries data from the host to the ST7570.
The UART communication has the following settings:
●
Half duplex mode
●
Standard NRZ bit coding
●
LSBit first transmission: the bits within each byte are sent LSBit to MSBit
●
The exchanged frames are composed of characters
●
A single character is composed of 1 start bit, 8 data bits, and 1 stop bit
●
0-5 V or 0-3.3 V levels on TXD, RXD, T_REQ signals.
Figure 14
shows the character format:
Figure 14.
Local port character format
5.2
Communication protocol
The host interface process implemented in the ST7570 device performs the following tasks:
●
Frame format definition
●
Reception mechanism: the UART standard on the half duplex data channel is
implemented and collisions are avoided
●
Acknowledgement to received frames
●
Timeout management
●
Error checking: length, syntax, and checksum field of a received frame are controlled
and a repetition is requested in case of error.
5.2.1
Frame types
A frame is a sequence of one or more characters encapsulating data exchanged between
the ST7570 and the external host. The communication protocol defines several frame
formats for the different steps of the communication protocol (access to ST7570 services,
acknowledgement, device status).
All the ST7570 resources and services (PHY layer, MAC layer, and MIB management) are
available through local commands and they can be handled by the external host using the
local communication serial interface and the commands defined in the next paragraphs.
 
 
D0
 
D1
 
D2
 
D3
 
D4
 
D5
 
D6 
 
D7
LSB 
MSB 
Start
Bit
Stop
Bit
IDLE state
tbit 
tbit 
8 data bits 
1 character 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com