Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 25Page - STMicroelectronics UM0934 Datasheet HTML 26Page - STMicroelectronics UM0934 Datasheet HTML 27Page - STMicroelectronics UM0934 Datasheet HTML 28Page - STMicroelectronics UM0934 Datasheet HTML 29Page - STMicroelectronics UM0934 Datasheet HTML 30Page - STMicroelectronics UM0934 Datasheet HTML 31Page - STMicroelectronics UM0934 Datasheet HTML 32Page - STMicroelectronics UM0934 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 113 page
background image
UM0934
MAC layer
Doc ID 17389 Rev 2
29/113
4.5.4
Transmission
When upper layers request a transmission through an M_Data.Request(DA, M_sdu), the
MAC builds the long frame header by copying the DA value into the destination address field
and by copying the local MAC address value into the source address field.
4.5.5
Group addresses
The MAC supports pre-defined group addresses (Table 6).
Further custom group addresses (up to 5) can be specified through MIB object 0005h (MAC
Group Addresses, Section 6.5.6).
4.6
Time-slot synchronization
As explained in Section 3.3, all the nodes belonging to the network must use the same time-
slot division in order to be able to communicate. The time-slot synchronization is first
achieved by the Client, by choosing an arbitrary time-slot start, while all the other nodes
(Server) acquire the Client’s time-slot division as described in following sections.
4.6.1
PHY layer
At PHY layer, the time-slot synchronization is acquired by a Server as soon as it receives
the PRE+SSD sequence. As the PHY layer does not perform any check on frame CRC and
addresses, the reception of any physical frame sent over the network, whatever the source
address and even if corrupted by noise, causes the Server to acquire the time-slot
synchronization (if not already synchronized).
Upon receipt of the PRE+SSD sequence, the PHY notifies to the MAC a P_Sync.Indication.
Table 6.
Pre-defined group addresses
Name
Value
Description
NO-BODY
000h
Reserved value, it can’t be assigned to any node in the network.
If a frame with DA equal to NO-BODY is received, a Client always generates
a M_Data.Indication, while a Server generates a M_Data.Indication only if at
least one MAC group addresses is equal to 0x000.
NEW
FFEh
Nodes with local MAC address equal to NEW.
NOT-NEW
FFCh Nodes with local MAC address different from NEW.
BROADCAST
FFFh
Broadcast address. All the network nodes generate an M_Data.Indication if
the DA field in the received MAC frame is equal to BROADCAST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com