Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 84 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 80Page - STMicroelectronics UM0934 Datasheet HTML 81Page - STMicroelectronics UM0934 Datasheet HTML 82Page - STMicroelectronics UM0934 Datasheet HTML 83Page - STMicroelectronics UM0934 Datasheet HTML 84Page - STMicroelectronics UM0934 Datasheet HTML 85Page - STMicroelectronics UM0934 Datasheet HTML 86Page - STMicroelectronics UM0934 Datasheet HTML 87Page - STMicroelectronics UM0934 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 113 page
background image
Management information base (MIB)
UM0934
84/113
Doc ID 17389 Rev 2
6.5.27
0085h (alarm repetition, alarm before indication, alarm reject window)
This object controls the alarm management (Section 7.2):
●
Alarm repetition: it sets the number of alarms that are sent when an alarm transmission
is requested. If the “alarm repetition” feature is enabled (Section 6.5.28), the same
number of alarms is sent also as soon as an alarm coming from another node is
received
●
Alarm before indication: number of alarms to be received before sending an
CMD_AlarmIndication to the host
●
Alarm reject window: number of alarm events to be rejected after an indication,
repetition or transmission.
The confirm message of a CMD_ReadDBRequest returns the current value without
changing it. The CMD_WriteDBRequest sets the threshold value and the confirm message
returns the value.
Read/write confirm data format:
The same as request.
6.5.28
0086h (alarm indication, repetition, SN indication disable)
This MIB parameter keeps three types of settings related to alarm management:
●
Alarm indication: bit to enable/disable the transmission of CMD_AlarmIndication to the
host
●
Alarm repetition: bit to enable/disable the alarm message repetition
●
Alarm S/N indication: bit to append, or not, the signal and noise levels to the
CMD_AlarmIndication sent to the host.
The ST7570 configured as Monitor in PHY mode always sends an alarm indication even if
the alarm indication bit is disabled;
The confirm message of a CMD_ReadDBRequest returns the current value without
changing it. The CMD_WriteDBRequest sets the coded values and the confirm message
returns them.
Table 131.
MIB object 0085h: Write request data format
Byte
Label
Description
Available range Factory default
0
Alarm repetition (
NTX)
Number of repeated alarm transmissions
0 .. FFh
8
1
Alarm before indication
(
NRX)
Number of alarm events to be received before
sending an alarm indication to the host
0 .. FFh
2
2
Alarm reject window
(
NREJ)
Number of alarm events to be rejected after a
transmission, reception or repetition of an
alarm.
0 .. FFh
9
Table 132.
MIB object 0085h: Write error data format
Byte
Returned value
Error description
0
ERR_ILLEGAL_DATA_COMMAND
Wrong number of data bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com