Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 94 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 90Page - STMicroelectronics UM0934 Datasheet HTML 91Page - STMicroelectronics UM0934 Datasheet HTML 92Page - STMicroelectronics UM0934 Datasheet HTML 93Page - STMicroelectronics UM0934 Datasheet HTML 94Page - STMicroelectronics UM0934 Datasheet HTML 95Page - STMicroelectronics UM0934 Datasheet HTML 96Page - STMicroelectronics UM0934 Datasheet HTML 97Page - STMicroelectronics UM0934 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 113 page
background image
Extended functions
UM0934
94/113
Doc ID 17389 Rev 2
7.1.2
MAC reconfiguration
Table 150
lists all the MAC settings managed by the auto reconfiguration feature.
7.2
Alarm management
The ST7570 features advanced alarm messages management, aimed at:
●
Αvoiding false alarm detections, through the programmable alarm filtering used in
reception
●
Αvoiding echo effects, by ignoring all the alarms that can occur immediately after alarm
transmission, reception (or repetition in MAC mode).
Alarms can be used in both PHY and MAC modes.
7.2.1
Alarm transmission
The host can request the ST7570 transmitting burst of NTX alarms by using the command
CMD_AlarmRequest. As soon as the transmission is completed, the ST7570 ignores all the
alarms that may occur in the next NREJ time-slots.
The confirmation to the alarm request (CMD_AlarmConfirm) is generated immediately after
the first alarm burst. If other CMD_AlarmRequests are sent during the alarm transmission or
the reject window, the ST7570 provides an immediate positive confirmation but it does not
send any additional alarms.
Table 150.
MIB objects checked after reset event in MAC mode
MAC settings
MIB object
MAC address
0001h (local MAC address and the Initiator MAC address)
Initiator MAC address
0001h (local MAC address and the Initiator MAC address)
MAC group address
0005h (MAC group addresses)
Repeater state
000Bh (TIC selector and repeater state)
FIMA
0000h (first and last initiator address, FIMA/LIMA)
LIMA
0000h (first and last initiator address, FIMA/LIMA)
Synchronization confirm timeout
0002h (timeout synchro confirmation)
Not ok timeout
0003h (timeout frame not OK)
Not addressed timeout
0004h (timeout frame not addressed)
Intelligent synchronization timeout
0009h (timeout intelligent synchronization)
Disable frame type check
0008h (disable frame type check and disable CRC check)
Disable CRC check
0008h (disable frame type check and disable CRC check)
Auto synchronization reject
0015h (auto synchro reject)
Repeater call threshold
000Ch (RC threshold)
Intelligent synchronization threshold 0016h (intelligent synchronization threshold)
Frame indicator
0012h (frame indicator)
Smart-phase detection
0013h (smart-phase detection)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com