Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 97 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 93Page - STMicroelectronics UM0934 Datasheet HTML 94Page - STMicroelectronics UM0934 Datasheet HTML 95Page - STMicroelectronics UM0934 Datasheet HTML 96Page - STMicroelectronics UM0934 Datasheet HTML 97Page - STMicroelectronics UM0934 Datasheet HTML 98Page - STMicroelectronics UM0934 Datasheet HTML 99Page - STMicroelectronics UM0934 Datasheet HTML 100Page - STMicroelectronics UM0934 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 113 page
background image
UM0934
Extended functions
Doc ID 17389 Rev 2
97/113
7.3
Repeater call
The Repeater Call (RC) is a special service supported by the ST7570 at MAC layer, with
specific short messages (RC messages).
During the Repeater Call mode, the physical layer does not send or receive the frames over
powerline in the usual form. In fact, the physical time-slot (Section 3.3) is split down into 21
sub-timeslots (SubTslot) with a duration equivalent to 2 bytes. Since the Pause/Alarm time
is not used by the RepeaterCall function, the alarms remain active during this period.
During each sub-timeslot of the RepeaterCall mode, a node can either receive or send a 2-
byte fixed pattern (2EC5h), with a behavior in accordance with its configuration (Client or
Server).
7.3.1
Client
The ST7570 will accept a CMD_RC_Request if this command is received while a
transmission or reception on powerline is in progress only, and refused otherwise. If
accepted, the node will start the Repeater Call mode at the beginning of the first timeslot
after the current transmission or reception completion.
The Client leaves the Repeater Call mode and goes back to the normal mode after one
timeslot.
A confirmation and an exit code (CMD_RC_Confirm(RC_Result)) are always generated to
the host.
The ST7570 configures as a Client will transmit the RC message at position 0 (first sub-
timeslot), whatever is the value of parameter “TxPosition” in the CMD_RC_Request.
The Figure 26 shows an example with a Client sending a MAC frame with IC=CC=3 and a
M_sdu of 26 bytes.
Figure 26.
Repeater call for client



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com