Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 15Page - STMicroelectronics UM0934 Datasheet HTML 16Page - STMicroelectronics UM0934 Datasheet HTML 17Page - STMicroelectronics UM0934 Datasheet HTML 18Page - STMicroelectronics UM0934 Datasheet HTML 19Page - STMicroelectronics UM0934 Datasheet HTML 20Page - STMicroelectronics UM0934 Datasheet HTML 21Page - STMicroelectronics UM0934 Datasheet HTML 22Page - STMicroelectronics UM0934 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 113 page
background image
UM0934
Physical layer
Doc ID 17389 Rev 2
19/113
Equation 1
Table 3 shows some conversion examples:
Fine estimation
This function provides an estimation of the signal-to-noise ratio for both channels 0 and 1,
as detected by the ST7570 at the RX_IN pin. The estimation is performed on the P_sdu
payload (304 bits). The estimated ratios are automatically provided through unsolicited
indications (CMD_DataIndication, Section 5.3.11).
In order to convert from a raw number (“value” as stored in the MIB) to an RMS voltage
value expressed in dB, use Equation 2:
Equation 2
3.6.2
Demodulation method count
For each received PHY frame, the ST7570 provides a statistic of the ways used to
demodulate each single bit of the P_SDU payload (304 bits), based on the signal quality.
During each bit time, the demodulator returns the received binary symbol on the basis of
numerical processing performed on measured data for both tones. If these data are
processed independently and a binary symbol is chosen without combining them, an “ASK”
counter (“ASK0” if the demodulated bit value is equal to 0, “ASK1” otherwise) is
incremented; however, if the bit is returned after a combination of measured data, the
“SFSK” counter is incremented.
The values of the counters are automatically provided by means of unsolicited indications
(CMD_DataIndication, Section 5.3.11).
3.6.3
Receiving gain (PGA) estimation
The internal PGA block (refer to [1]) is driven by an automatic control algorithm to find the
best gain maximizing the dynamic range of the input signal. The found PGA gain is then
written into the MIB object 000Dh (S0, N0, PGA, Section 5.3.14), and automatically
provided through unsolicited indications (CMD_DataIndication, Section 5.3.11,
Table 3.
SNR estimator values conversion
Values provided by the ST7570
RMS amplitude [dB
µV]
Name
Value
S0
002C8Fh
114.07
N0
002359h
90.49
S1
002B0Ch
110.20
N1
0023F6h
92.06
[]
100
/
value
V
dB
VRMS
=
μ
[ ]
( ) 19
10
2
2
log
value
64
10
dB
SNR
−
⋅
⋅
⋅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com