Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 64 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 60Page - STMicroelectronics UM0934 Datasheet HTML 61Page - STMicroelectronics UM0934 Datasheet HTML 62Page - STMicroelectronics UM0934 Datasheet HTML 63Page - STMicroelectronics UM0934 Datasheet HTML 64Page - STMicroelectronics UM0934 Datasheet HTML 65Page - STMicroelectronics UM0934 Datasheet HTML 66Page - STMicroelectronics UM0934 Datasheet HTML 67Page - STMicroelectronics UM0934 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 113 page
background image
Management information base (MIB)
UM0934
64/113
Doc ID 17389 Rev 2
6
Management information base (MIB)
The MIB collects all the parameters that allow the host to set and control the modem
operation.
The host can update an MIB object through a CMD_WriteDBRequest specifying the object
index and related value(s). The modem returns a confirmation message
(CMD_WriteDBConfirm()) if the write request was correct, otherwise it returns an error
message (CMD_WriteDBError()) according to the command failure.
Each MIB object can also be read by using the CMD_ReadDBRequest command. If the
read request is correct the modem returns a confirmation message
(CMD_ReadDBConfirm), otherwise it returns an error message (CMD_ReadDBError)
according to the command failure.
Both read and write confirm messages (CMD_WriteDBConfirm() and
CMD_ReadDBConfirm) have the same syntax and are specific for each MIB parameter.
6.1
MIB write request
This command is used by the external host to update the value of an object of the ST7570
MIB. A CMD_WriteDBRequest is composed of two fields, as in Table 68:
Both index and data field must be sent LSByte first.
The ST7570 checks the request for validation. Then, according to the result of the check:
●
if valid, the object is updated in the MIB and the ST7570 replies with a
CMD_WriteDBConfirm()
●
if not valid, the request is rejected and the ST7570 replies with a CMD_WriteDBError().
In the following sections the details of all accepted index and data fields are described, as
well as the error messages returned for each parameter.
Table 67.
CMD_SyntaxError: ErrorData
Byte index
Label
Description
0
ERROR
01h: Error
Table 68.
MIB write request: Data
Byte index
Label
Description
0..1
INDEX Object index (2bytes). Refer to the MIB table (
Table 71) for available objects.
2..variable
DATA
Data to be written into the MIB location INDEX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com