Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 46 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 42Page - STMicroelectronics UM0934 Datasheet HTML 43Page - STMicroelectronics UM0934 Datasheet HTML 44Page - STMicroelectronics UM0934 Datasheet HTML 45Page - STMicroelectronics UM0934 Datasheet HTML 46Page - STMicroelectronics UM0934 Datasheet HTML 47Page - STMicroelectronics UM0934 Datasheet HTML 48Page - STMicroelectronics UM0934 Datasheet HTML 49Page - STMicroelectronics UM0934 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 113 page
background image
Host interface
UM0934
46/113
Doc ID 17389 Rev 2
5.3.1
CMD_SynchroIndication (10h)
This command exports the following services to the external host:
●
PHY mode: P_Sync.Indication
●
MAC mode: M_Sync.Indication.
This command is generated by the ST7570 itself to indicate to the host a change in the
synchronization status (Section 3.3). Its meaning is different in accordance with the operating
mode:
●
PHY mode: this indication is generated every time a valid PRE+SSD sequence is found
●
MAC mode: this indication is generated every time a change in the synchronization
state occurs.
Table 16.
CMD_SynchroIndication: Syntax
Source
Command (Data)
Possible response
ST7570
CMD_SynchroIndication(SyncData)
None
Table 17.
CMD_SynchroIndication: SyncData (PHY mode):
Byte index
Label
Description
0..2
S0
Amplitude of signal on channel 0. Raw estimation performed on received
preamble + SSD sequence (Section : Raw estimation).
3..5
N0
Amplitude of noise on channel 0. Raw estimation performed on received
preamble + SSD sequence (Section : Raw estimation).
6..8
S1
Amplitude of signal on channel 1. Raw estimation performed on received
preamble + SSD sequence (Section : Raw estimation)
9..11
N1
Amplitude of noise on channel 1. Raw estimation performed on received
preamble + SSD sequence (Section : Raw estimation)
12
PGA
Gain of the reception PGA.
13
PHASE Electrical delta-phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com