Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 85 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 81Page - STMicroelectronics UM0934 Datasheet HTML 82Page - STMicroelectronics UM0934 Datasheet HTML 83Page - STMicroelectronics UM0934 Datasheet HTML 84Page - STMicroelectronics UM0934 Datasheet HTML 85Page - STMicroelectronics UM0934 Datasheet HTML 86Page - STMicroelectronics UM0934 Datasheet HTML 87Page - STMicroelectronics UM0934 Datasheet HTML 88Page - STMicroelectronics UM0934 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 113 page
background image
UM0934
Management information base (MIB)
Doc ID 17389 Rev 2
85/113
Read/write confirm data format:
The same as request.
6.5.29
00A0h (New synchronization)
This MIB parameter is used to force the ST7570 in MAC mode to discard the current
synchronization and look for a new one.
The CMD_WriteDBRequest sets the coded values and the confirm message returns them.
As this MIB parameter is used for immediate effect, by setting it to the “discard current sync”
coded value, it can’t be read by the external host command.
Write confirm data format:
The same as request.
Table 133.
MIB object 0086h: Write request data format
Byte
Label
Description
Available range
Factory default
0
Alarm indication
b0:
• 0: enabled
• 1: disabled
0.. 1
0
Alarm repetition
b1:
• 0: enabled
• 1: disabled
0 .. 1
0
Alarm S N indication
b2:
• 0: enabled
• 1: disabled
0 .. 1
1
Table 134.
MIB object 0086h: Write error data format
Byte
Returned value
Error description
0
ERR_ILLEGAL_DATA_COMMAND
Wrong number of data bytes
Table 135.
MIB object 00A0h: Write request data format
Byte
Label
Description
Available range
Factory default
0
New
synchronization
New synchronization request
0: no effect
1: discard current sync and look for a new sync
0 .. 1
0
Table 136.
MIB object 00A0h: Write error data format
Byte
Returned value
Error description
0
ERR_ILLEGAL_DATA_COMMAND
Wrong number of data bytes or value out of the available range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com