Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 26Page - STMicroelectronics UM0934 Datasheet HTML 27Page - STMicroelectronics UM0934 Datasheet HTML 28Page - STMicroelectronics UM0934 Datasheet HTML 29Page - STMicroelectronics UM0934 Datasheet HTML 30Page - STMicroelectronics UM0934 Datasheet HTML 31Page - STMicroelectronics UM0934 Datasheet HTML 32Page - STMicroelectronics UM0934 Datasheet HTML 33Page - STMicroelectronics UM0934 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 113 page
background image
MAC layer
UM0934
30/113
Doc ID 17389 Rev 2
4.6.2
MAC layer
At MAC layer, two further checks are performed in order to confirm or reject the time-slot
synchronization acquired by the PHY:
1.
Frame integrity: a valid MAC frame (i.e. with a valid CRC) must be received within
“synchronization-confirmation-timeout”
(Section 4.7) from the reception of the
PRE+SSD causing the synchronization. This condition is aimed at avoiding the
acquisition of a fake synchronization, caused by the reception of a PRE+SSD
simulated by the noise on the line.
2.
Address check: two operating modes are available:
–
unlocked mode: no checks on addresses are performed. Only condition 1 is used
to accept or refuse the synchronization;
–
locked mode: both source (SA) and destination (DA) addresses are checked and
compared against a local MIB object called “Initiator MAC address”, programmed
by upper layers (usually with the address of the network’s Client, also called
“initiator”). If at least one SA or DA matches with the “Initiator MAC address” value,
the synchronization is confirmed or otherwise rejected. This condition is aimed at
forcing a Server to accept only the time-slot synchronization coming from a
specific node (usually the network’s Client), by confirming the time-slot
synchronization only on frames originating from, or addressed to, that node.
After having confirmed the time-slot synchronization according to the conditions mentioned
above, the MAC layer keeps on monitoring the validity of the synchronization through the
“timeout-frame-not-OK”. At least one valid MAC frame must be received within this timeout.
The timeout counter is reset at any valid MAC frame reception. If no valid MAC frame is
received within this time interval, time-slot synchronization is rejected.
4.6.3
Initiator MAC address
The field “Initiator MAC address” in the MIB object 0001h can be used by upper layers to
force a Server to accept the time-slot synchronization coming only from a specific node, as
described in Section 4.6.2.
Valid values for the initiator MAC address are shown in Table 7.
Table 7.
Initiator MAC address
Initiator MAC address value
Mode
Description
NO-BODY (default value)
unlocked Any time-slot synchronization is confirmed.
Any value between FIMA and LIMA
locked
Only time-slot synchronization coming from the
specified node is confirmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com