Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 72 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 68Page - STMicroelectronics UM0934 Datasheet HTML 69Page - STMicroelectronics UM0934 Datasheet HTML 70Page - STMicroelectronics UM0934 Datasheet HTML 71Page - STMicroelectronics UM0934 Datasheet HTML 72Page - STMicroelectronics UM0934 Datasheet HTML 73Page - STMicroelectronics UM0934 Datasheet HTML 74Page - STMicroelectronics UM0934 Datasheet HTML 75Page - STMicroelectronics UM0934 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 113 page
background image
Management information base (MIB)
UM0934
72/113
Doc ID 17389 Rev 2
6.5.9
0008h (disable frame type check and disable CRC check)
The frame type check (i.e. the check of the FI field of the MAC subframes) can be disabled
only if the ST7570 operating mode is Monitor. If the frame type check is disabled, a received
MAC frame provides a CMD_DataIndication to the host, even if the value of field FI is not
0000h; however, the bad frame init counter (MIB object 0011h) and the invalid frame counter
(MIB object 0006h) are increased.
The CRC check can be disabled only if the ST7570 operating mode is a Monitor. If the CRC
check is disabled, a received MAC frame provides a CMD_DataIndication to the host even if
the FCS check fails; however, the invalid frame counter is increased (MIB object 0006h).
Read/write confirm data format:
The same as request.
6.5.10
0009h (Timeout Intelligent Synchronization)
This object stores the value (in minutes) of the Timeout Intelligent Synchronization
procedure.
This object is applicable to the SERVER mode only.
Read/write confirm data format:
The same as request
Table 90.
MIB object 0008h: Write request data format
Byte
Label
Description
Available range Factory default
0
Disable frame type check
b0:
• 0: Enable frame type check
• 1: Disable frame type check
00h .. 0Fh
0
Disable CRC check
b1:
• 0: Enable frame CRC check
• 1: Disable frame CRC check
0
Table 91.
MIB object 0008h: Write error data format
Byte
Returned value
Error description
0
ERR_UNAVAILABLE_RESOURCE
The modem is not configured as MAC
ERR_ILLEGAL_DATA_COMMAND
Wrong number of data bytes
ERR_PARAM_VAL_OUTOFRANGE
Data byte value out of available range
Table 92.
MIB object 0009h: Write request data format
Byte
Label
Description
Available range Factory default
0..1
Timeout intelligent
synchronization
Intelligent synchronization timeout
value (minutes)
0 .. 65535 min
0 min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com