Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 61 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 57Page - STMicroelectronics UM0934 Datasheet HTML 58Page - STMicroelectronics UM0934 Datasheet HTML 59Page - STMicroelectronics UM0934 Datasheet HTML 60Page - STMicroelectronics UM0934 Datasheet HTML 61Page - STMicroelectronics UM0934 Datasheet HTML 62Page - STMicroelectronics UM0934 Datasheet HTML 63Page - STMicroelectronics UM0934 Datasheet HTML 64Page - STMicroelectronics UM0934 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 113 page
background image
UM0934
Host interface
Doc ID 17389 Rev 2
61/113
5.3.23
CMD_RC_Request (61h)
This command is sent by the external host to request a Repeater Call session (Section 7.3).
The request can be accepted or refused by the MAC layer only, and it is always followed by
a positive or negative confirmation (CMD_RC_Confirm(Section 5.3.24)). If the node is set at
PHY layer, the command does not take any effect.
If the two listed parameters of the command are filled to zero, and the node is set as MAC
server:
●
TX_POS will be filled by ST7570 equal to node Local MAC Address (if the node is
NEW, it won’t take part to Repeater Call procedure);
●
RC_THRESHOLD value will be read by ST7570 from MIB object 000Ch (RC
Threshold, Section 6.5.13).
Table 60.
CMD_RC_Request: Syntax
Source
Command(Args)
Possible Response
Ext. Host
CMD_RC_Request(RequestData)
CMD_RC_Confirm(ConfirmData)
Table 61.
CMD_RC_Request: RequestData
Byte index
Label
Description
0..1
TX_POS
Transmitting position
2..3
RC_THRESHOLD
SNR threshold value (to be expressed in 100*dB
µV). A node set as
Server or Monitor will decide its Repeater Status after comparison
with this value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com