Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 12Page - STMicroelectronics UM0934 Datasheet HTML 13Page - STMicroelectronics UM0934 Datasheet HTML 14Page - STMicroelectronics UM0934 Datasheet HTML 15Page - STMicroelectronics UM0934 Datasheet HTML 16Page - STMicroelectronics UM0934 Datasheet HTML 17Page - STMicroelectronics UM0934 Datasheet HTML 18Page - STMicroelectronics UM0934 Datasheet HTML 19Page - STMicroelectronics UM0934 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 113 page
background image
Physical layer
UM0934
16/113
Doc ID 17389 Rev 2
3.5.1
Data services
The data services provided by the physical layer allow the embedded MAC layer (in the case
of a MAC access point) or the external host (in the case of a PHY access point) to manage
data transfer on the power line.
Three primitives are available:
●
P_Data.Request(P_sdu): to ask the PHY layer for the transmission of data P_sdu
●
P_Data.Confirm(T_result): generated by the PHY layer as a response to a previous
P_Data.Request with the result of transmission (T_result)
●
P_Data.Indication(P_sdu): generated by the PHY layer as soon as data P_sdu coming
from the power line has been received.
Figure 3.
PHY data services
3.5.2
Alarm services
The alarm services provided by the physical layer allow the embedded MAC layer (in the
case of a MAC access point) or the external host (in the case of a PHY access point) to
manage alarm transfer on the power line.
Three primitives are available:
●
P_Alarm.Request(): to ask the PHY layer for the transmission of an alarm
●
P_Alarm.Confirm(T_result): generated by the PHY layer as a response to a previous
P_Data.Request with the result of transmission (T_result)
●
P_Alarm.Indication(): generated by the PHY layer as soon as an alarm coming from the
power line has been received.
P_Data.request
P_Data.indication
P_Data.confirm
PHY
Layer
PHY
Layer
Embedded MAC layer
or external Host
Embedded MAC layer
or external Host
Local Node
Remote Node
Power Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com