Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 99 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 95Page - STMicroelectronics UM0934 Datasheet HTML 96Page - STMicroelectronics UM0934 Datasheet HTML 97Page - STMicroelectronics UM0934 Datasheet HTML 98Page - STMicroelectronics UM0934 Datasheet HTML 99Page - STMicroelectronics UM0934 Datasheet HTML 100Page - STMicroelectronics UM0934 Datasheet HTML 101Page - STMicroelectronics UM0934 Datasheet HTML 102Page - STMicroelectronics UM0934 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 113 page
background image
UM0934
Modem configuration
Doc ID 17389 Rev 2
99/113
8
Modem configuration
The first step to configure the ST7570 modem in accordance with the required operating
conditions is the writing operation of MIB object 00A1h (PLC configuration) (Section 6.5.30).
This step is aimed at allowing the ST7570 device to communicate through a power line
network and the time diagram of the commands exchanged between the ST7570 and its
external host is represented in Figure 28.
Figure 28.
Host interface: MIB object writing command sequence
For example, in order to set the operating parameters as listed below, leaving the other
parameters involved in MIB object 00A1h at their default values:
●
Access layer mode = MAC mode
●
Operating mode = Client
●
Mains frequency = 50 Hz
●
Bit rate = 2400 bps
●
Target output gain = -15 dB
●
Current Limiting = enabled.
The exchanged local frames are as follows:
CMD_WriteDBRequest()
The local frame is built and sent by the external host through the host interface with the
dedicated command CMDWriteDBRequest, after receiving a Status Message (NOT_SET bit
= 1) from the ST7570:
STX Length
Command
Code
DATA
CHK
02h 13h
41h
7E.02h
MIB Index
Mode
Gain
f0
09h
10h
44.F7.00h
A1. 00h
ZC
00h
f1
10.21.01h
00.00.00h
PAD
Current
Ctrl
Layer
01h
02h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com