Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 89 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 85Page - STMicroelectronics UM0934 Datasheet HTML 86Page - STMicroelectronics UM0934 Datasheet HTML 87Page - STMicroelectronics UM0934 Datasheet HTML 88Page - STMicroelectronics UM0934 Datasheet HTML 89Page - STMicroelectronics UM0934 Datasheet HTML 90Page - STMicroelectronics UM0934 Datasheet HTML 91Page - STMicroelectronics UM0934 Datasheet HTML 92Page - STMicroelectronics UM0934 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 113 page
background image
UM0934
Management information base (MIB)
Doc ID 17389 Rev 2
89/113
6.5.34
00C2h (time-slot delay bit)
This object stores the delay between the external mains zero-crossing signal and the
internal reference, used to set the starting position of the time-slot. The time unit is the bit.
This object is useful for the Client operating mode only, as the Server fixes the internal time-
slot reference after receiving a frame transmission by the Client.
The value n stored is equal to n-1 delay bit number: an n value equal to 1 means that the
Client aligns its time-slot with the external zero-crossing event. A value equal to 2 means
that the Client forces its time-slot to start 1 bit before the external zero-crossing event.
Any change to this value takes effect only after a de-synchronization of the Client.
Figure 21
shows some examples of the relation between the external zero-crossing signal
and internal reference for some values of n:
Figure 21.
Time-slot delay bit
The confirm message of a CMD_ReadDBRequest returns the current constant without
changing it. The CMD_WriteDBRequest sets the corresponding time value and the confirm
message returns it.
Read/write confirm data format:
The same as request.
Table 145.
MIB object 00C2h: Write request data format
Byte
Label
Description
Available range
Factory default
0..2
Time-slot delay bit
b0..19: bit-time delay
000000h .. 0FFFFFh
1
b20..23: unused
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com