Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 70 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 66Page - STMicroelectronics UM0934 Datasheet HTML 67Page - STMicroelectronics UM0934 Datasheet HTML 68Page - STMicroelectronics UM0934 Datasheet HTML 69Page - STMicroelectronics UM0934 Datasheet HTML 70Page - STMicroelectronics UM0934 Datasheet HTML 71Page - STMicroelectronics UM0934 Datasheet HTML 72Page - STMicroelectronics UM0934 Datasheet HTML 73Page - STMicroelectronics UM0934 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 113 page
background image
Management information base (MIB)
UM0934
70/113
Doc ID 17389 Rev 2
6.5.6
0005h (MAC group addresses)
This object stores the values of the 5 MAC group addresses. (refer to [2]).
Read/write confirm data format:
The same as request.
6.5.7
0006h (invalid frame counter)
This object stores the number of the invalid received MAC frames.
After checking FI and Ns parameters in the received MAC frame, the counter is increased if
at least one of the two following events occurred:
●
The frame indicator parameter (FI) is not equal to LONG_MAC_FRAME (0000h) even if
the frame type check is disabled (in Monitor modes only)
●
The number of subframes (Ns field) in a received MAC frame is not correct
●
The CRC field is wrong (even if CRC check is disabled, Section 6.5.9).
The confirm message of a CMD_ReadDBRequest returns the current value of the counter
without changing it. The CMD_WriteDBRequest resets the value of the counter (0) and the
confirm message returns the reset value (0).
Table 81.
MIB object 0004h: Write error data format
Byte
Returned value
Error description
0
ERR_UNAVAILABLE_RESOURCE
The modem is not configured as MAC
ERR_ILLEGAL_DATA_COMMAND
Wrong number of data bytes
ERR_REQUEST_NOT_ALLOWED
The modem is configured as Monitor
Table 82.
MIB object 0005h: Write request data format
Byte
Label
Description
Available range
Factory default
0..1
MAC group address 0
1st MAC group address
0000h ... 0FFFh
0000h
2..3
MAC group address 1
2nd MAC group address
0000h ... 0FFFh
0000h
4..5
MAC group address 2
3rd MAC group address
0000h ... 0FFFh
0000h
6..7
MAC group address 3
4th MAC group address
0000h ... 0FFFh
0000h
8..9
MAC group address 4
5th MAC group address
0000h ... 0FFFh
0000h
Table 83.
MIB object 0005h: Write error data format
Byte
Returned value
Error description
0
ERR_UNAVAILABLE_RESOURCE The modem is not configured as MAC
ERR_ILLEGAL_DATA_COMMAND Wrong number of data bytes or at least one address value out of range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com