Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 76 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 72Page - STMicroelectronics UM0934 Datasheet HTML 73Page - STMicroelectronics UM0934 Datasheet HTML 74Page - STMicroelectronics UM0934 Datasheet HTML 75Page - STMicroelectronics UM0934 Datasheet HTML 76Page - STMicroelectronics UM0934 Datasheet HTML 77Page - STMicroelectronics UM0934 Datasheet HTML 78Page - STMicroelectronics UM0934 Datasheet HTML 79Page - STMicroelectronics UM0934 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 113 page
background image
Management information base (MIB)
UM0934
76/113
Doc ID 17389 Rev 2
6.5.15
000Eh (S1, N1, phase)
This parameter keeps the signal and noise amplitude values measured for frequency f1 and
the electrical delta-phase measured during the last MAC frame reception.
Refer to Section : Raw estimation to convert the returned codes for N1 and S1 to electrical
values measured in dB
µV.
Write request data format
:
As this parameter is read only, the CMD_ReadDBRequest can be used, the
CMD_WriteDBRequest cannot.
Table 102.
MIB object 000Eh: Read confirm data format
Byte Label
Description
Available range
Factory default
0..3
S1
Measured signal level at frequency f1 during the
last MAC frame (preamble, SSD sequence)
000000h .. 0FFFFFh
000000h
4..7
N1
Measured noise level at frequency f1 during the
last MAC frame (preamble, SSD sequence)
000000h .. 0FFFFFh
000000h
8..9
Phase Phase
0000h.. 00FFh
(MSByte always equal to 0)
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com