Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 104 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 100Page - STMicroelectronics UM0934 Datasheet HTML 101Page - STMicroelectronics UM0934 Datasheet HTML 102Page - STMicroelectronics UM0934 Datasheet HTML 103Page - STMicroelectronics UM0934 Datasheet HTML 104Page - STMicroelectronics UM0934 Datasheet HTML 105Page - STMicroelectronics UM0934 Datasheet HTML 106Page - STMicroelectronics UM0934 Datasheet HTML 107Page - STMicroelectronics UM0934 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 113 page
background image
MAC mode communication example
UM0934
104/113
Doc ID 17389 Rev 2
The expected CMD_WriteDBConfirm local frame on the ST7570 TXD pin has the fields
represented as:
10.1.2
Station2 (Server)
For a Server station, the local MAC address is usually NEW or within the range 001h and
(FIMA-1) (C00h as default value), while the initiator MAC address should be set equal to the
initiator (i.e. Client) local MAC address.
In this example:
●
local MAC address = 001h
●
initiator MAC address = C00h.
For station2 the CMD_WriteDBRequest is composed as:
And the expected CMD_ReadDBRequest from the ST7570 device:
10.2
Step 2: Server time-outs configuration
The MAC time-outs (Section 4.6) must be programmed to suitable values according to the
application requirements.
The factory default values are used in this example.
The factory default values are read through CMD_ReadDBRequest() (Figure 31) only to
show the of use of the command.
Figure 31.
Host interface: MIB object reading command sequence
STX Length
Command
Co de
DATA
CHK
h
0
0
.
8
5
h
2
4
h
9
0
h
2
0
MIB Index
Init MAC Add
h
0
0
.
0
0
0h
0
.
1
0
Local MAC Add
00.0Ch
STX Length
Command
Co de
DATA
CHK
h
0
0
.
8
5
h
1
4
h
9
0
h
2
0
MIB Index
Init MAC Add
h
C
0
.
0
0
0h
0
.
1
0
Local MAC Add
01.00h
STX Length
Command
Co de
DATA
CHK
h
0
0
.
9
5
h
2
4
h
9
0
h
2
0
MIB Index
Init MAC Add
h
C
0
.
0
0
0h
0
.
1
0
Local MAC Add
01.00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com