Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 54 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 54 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 50Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 51Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 52Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 53Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 54Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 55Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 56Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 57Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 58Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
54
Rev 5
Referring to Figure 17, the table lookup method uses the 10-bits plus sign-bit value in STEMP[10:0] right-
shifted by two bits to obtain an 8-bit plus sign value (i.e., NV RAM Address = STEMP/4). A limiter ensures
that the resulting look-up address is in the 6-bit plus sign range of -64 to +63 (decimal). The 8-bit NV RAM
content pointed to by the address is added as a 2’s complement value to 0x40000, the nominal value of
4*RTC_P + RTC_Q.
Refer to 2.5.4.3 RTC Rate Control for information on the rate adjustments performed by registers
RTC_P[16:0] (I/O RAM 0x289B[2:0], 0x289C, 0x289D[7:2]) and RTC_Q[1:0] (I/O RAM 0x2891[1:0]. The 8-bit
values loaded in to NV RAM must be scaled correctly to produce rate adjustments that are consistent
with the equations given in 2.5.4.3 RTC Rate Control for RTC_P and RTC_Q. Note that the sum of the
8-bit 2’s complement value looked-up and 0x40000 form a 19-bit value, which is equal to
4*RTC_P+RTC_Q, as shown in Figure 17. The output of the Temperature Compensation is automatically
loaded into the RTC_P[16:0] and RTC_Q[1:0] locations after each look-up and summation operation.
S
0x40000
19
10+S
STEMP
>>2
63
-64
-64
63
255
-256
LIMIT
Look Up
RAM
ADDR
6+S
8+S
Q
7+S
4*RTC_P+RTC_Q
19
Figure 17: Automatic Temperature Compensation
The 128 NV RAM locations are organized in 2’s complement format as shown in Table 44. As mentioned
above, the STEMP[10:0] digital temperature values are scaled such that the corresponding NV RAM
addresses are equal to STEMP[10:0]/4 (limited in the range of -64 to +63). See 2.5.5 71M654x Temperature
Sensor on page 56 for the equations to calculate temperature in degrees °C from the STEMP[10:0] reading.
The temperature equation is used to calculate the two temperature columns in Table 44 (the second
column and the rightmost column). The second column uses the full 11-bit values of STEMP[10:0], while
the values in the rightmost column are calculated using the post-limiter (6+S) values multiplied by 4.
Since each look-up table address step corresponds to a 4 x 0.325 °C temperature step, two is added to
the post-limiter 6+S value after multiplying by 4 to calculate the temperature values in the rightmost
column. This method ensures that the compensation data is loaded into the look-up table in a manner
that minimizes quantization error. Table 44 shows the numerical values corresponding to each node in
Figure 17. The values of STEMP[10:0] outside the -256 to +255 range are not shown in this table. The
limiter output is confined to the range of -64 to +63, which is directly the desired address of the 128-byte
look-up table. The rightmost column gives the nominal temperature corresponding to each address cell in
the 128-byte compensation table
Table 44: NV RAM Temperature Table Structure
STEMP[10:0]
(10+S)
(decimal)
Temp (
oC)
(Equation)
STEMP[10:0]>>2
(8+S)
(decimal)
Limiter Output
(6+S)
(decimal)
Temp (
oC)
(LU Table)
-256
-61.71
-64
-64
-61.06
-255
-61.39
-254
-61.06
-253
-60.73
…
…
…
…
…
-4
20.69
-1
-1
21.35
-3
21.02
-2
21.35
-1
21.67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com