Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 28 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 28 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 24Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 25Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 26Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 27Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 28Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 29Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 30Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 31Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 32Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
28
Rev 5
If the FIFO is enabled (i.e., PLS_INTERVAL[7:0]
≠ 0), hardware also provides a maximum pulse width feature
in control register PLS_MAXWIDTH[7:0] (I/O RAM 0x210A) . By default, WPULSE and VPULSE are negative
pulses (i.e., low level pulses, designed to sink current through an LED). PLS_MAXWIDTH[7:0] determines the
maximum negative pulse width TMAX in units of CK_FIR clock cycles based on the pulse interval TI
according to the formula:
TMAX = (2 * PLS_MAXWIDTH[7:0] + 1) * TI
If PLS_MAXWIDTH = 255 or PLS_INTERVAL=0, no pulse width checking is performed, and the pulses
default to 50% duty cycle. TMAX is typically programmed to 10 ms., which works well with most calibration
systems.
The polarity of the pulses may be inverted with the control bit PLS_INV (I/O RAM 0x210C[0]). When
PLS_INV is set, the pulses are active high. The default value for PLS_INV is zero, which selects active low
pulses.
The WPULSE and VPULSE pulse generator outputs are available on pins SEGDIO0/WPULSE and
SEGDIO1/VPULSE, respectively (pins 45 and 44). The pulses can also be output on OPT_TX pin 53
(see OPT_TXE[1:0], I/O RAM 0x2456[3:2] for details).
Figure 12. Pulse Generator FIFO Timing
2.3.7
CE Functional Overview
The 71M654x provides an ADC and multiplexer to sample the analog currents and voltages as seen in
Figure 2 and Figure 3. The VA and VB voltage sensors are formed by resistive voltage dividers directly
connected to the 71M654x device, and therefore always use the ADC and multiplexer facilities in the
71M654x device. Current sensors, however, may be connected directly to the 71M654x or remotely
connected through an isolated 71M6x01 device. The remote 71M6x01 sensor has its own separate ADC
and voltage reference. When a current sensor is connected via a 71M6x01 isolated sensor, the 71M654x
places the sample data received digitally over the isolation interface (via the pulse transformer) in the
appropriate CE RAM location, as shown in Figure 3. The ADCs (i.e., ADC in the 71M654x and the ADC in
the 71M6x01) process their corresponding sensor channels providing one sample per channel per
multiplexer cycle.
Figure 14 (71M6541D/F/G) and Figure 15 (71M6542F/G) show the sampling sequence when both current
sensors (IA and IB) are connected directly to the 71M6541D/F/G as seen in Figure 2. However, when the
CK32
MUX_DIV
Conversions (MUX_DIV=6 is shown)
Settle
ADC MUX Frame
MUX_SYNC
150
WPULSE
S
0
S
1
S
2
S
3
S
4
S
5
CE CODE
RST
W_FIFO
S
0
S
1
S
2
S
3
S
4
S
5
S
0
S
1
S
2
S
3
S
4
S
5
4*PLS_INTERVAL
2. If WPULSE is low longer than (2*PLS_MAXWIDTH+1) updates, WPULSE will be raised until the next
low-going pulse begins.
3. Only the WPULSE circuit is shown. The VARPULSE circuit behaves identically.
4. All dimensions are in CK_FIR cycles (4.92MHz).
5. If PLS_INTERVAL =0, FIFO does not perform delay.
4*PLS_INTERVAL
4*PLS_INTERVAL
4*PLS_INTERVAL
4*PLS_INTERVAL
4*PLS_INTERVAL
1. This example shows how the FIFO distributes 6 pulse generator updates over one MUX frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com