Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 7Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 8Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 9Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 10Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 11Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 12Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 13Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 14Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
11
2
Hardware Description
2.1
Hardware Overview
The 71M6541D/F/G and 71M6542F/G single-chip energy meter ICs integrate all primary functional blocks
required to implement a solid-state residential electricity meter. Included on the chip are:
•
An analog front end (AFE) featuring a 22-bit second-order sigma-delta ADC
•
An independent 32-bit digital computation engine (CE) to implement DSP functions
•
An 8051-compatible microprocessor (MPU) which executes one instruction per clock cycle (80515)
•
A precision voltage reference (VREF)
•
A temperature sensor for digital temperature compensation:
-
Metrology digital temperature compensation (MPU)
-
Automatic RTC digital temperature compensation operational in all power states
•
LCD drivers
•
RAM and Flash memory
•
A real time clock (RTC)
•
A variety of I/O pins
•
A power failure interrupt
•
A zero-crossing interrupt
•
Selectable current sensor interfaces for locally-connected sensors as well as isolated sensors (i.e.,
using the 71M6x01 companion IC with a shunt resistor sensor)
•
Resistive Shunt and Current Transformers are supported
Resistive Shunts and Current Transformers (CT) current sensors are supported. Resistive shunt current
sensors may be connected directly to the 71M654x device or isolated using a companion 71M6x01
isolator IC in order to implement a variety of single-phase / split-phase (71M6541D/F) or two-phase
(71M6542F/G) metering configurations. An inexpensive, small size pulse transformer is used to isolate
the 71M6x01 isolated sensor from the 71M654x. The 71M654x performs digital communications bi-
directionally with the 71M6x01 and also provides power to the 71M6x01 through the isolating pulse
transformer. Isolated (remote) shunt current sensors are connected to the differential input of the
71M6x01. Included on the 71M6x01 companion isolator chip are:
•
Digital isolation communications interface
•
An analog front end (AFE)
•
A precision voltage reference (VREF)
•
A temperature sensor (for digital temperature compensation)
•
A fully differential shunt resistor sensor input
•
A pre-amplifier to optimize shunt current sensor performance
•
Isolated power circuitry obtains dc power from pulses sent by the 71M654x
In a typical application, the 32-bit compute engine (CE) of the 71M654x sequentially processes the samples
from the voltage inputs on analog input pins and from the external 71M6x01 isolated sensors and performs
calculations to measure active energy (Wh) and reactive energy (VARh), as well as A
2h, and V2h for four-
quadrant metering. These measurements are then accessed by the MPU, processed further and output
using the peripheral devices available to the MPU.
In addition to advanced measurement functions, the clock function allows the 71M6541D/F and
71M6542F/G to record time-of-use (TOU) metering information for multi-rate applications and to time-
stamp tamper or other events. Measurements can be displayed on 3.3 V LCDs commonly used in low-tem-
perature environments. An on-chip charge pump is available to drive 5 V LCDs. Flexible mapping of LCD
display segments facilitate integration of existing custom LCDs. Design trade-off between the number of
LCD segments and DIO pins can be implemented in software to accommodate various requirements.
In addition to the temperature-trimmed ultra-precision voltage reference, the on-chip digital temperature
compensation mechanism includes a temperature sensor and associated controls for correction of unwanted
temperature effects on measurement and RTC accuracy, e.g., to meet the requirements of ANSI and IEC
standards. Temperature-dependent external components such as crystal oscillator, resistive shunts, current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com