Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 96 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 96 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 92Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 93Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 94Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 95Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 96Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 97Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 98Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 99Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 100Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
96
Rev 5
4.6
71M6542F/G Using 71M6x01 and Current Shunts
Figure 38 shows a typical two-phase connection for the 71M6542F/G using one isolated and one non-
isolated sensor. For best performance, the IAP-IAN current sensor input is configured for differential mode
(i.e., DIFFA_E = 1, I/O RAM 0x210C[4]). The 71M6x01 Isolated Sensor Interface is used to isolate phase B.
The outputs of the 71M6x01 Isolated Sensor Interface are routed through a pulse transformer, which is
connected to the pins IBP-IBN. The IBP-IBN pins must be configured for remote sensor communication
(i.e., RMT_E =1, I/O RAM 0x2709[3]). See Figure 5 for the AFE configuration corresponding to Figure 38.
MPU
RTC
TIMERS
IAP
VA
IBP
XIN
XOUT
RX
TX
TX
RX
COM0...5
V3P3A V3P3SYS
VBAT
VBAT_RTC
SEG
GNDA GNDD
SEG/DIO
DIO
ICE
PHASE A
NEUTRAL
LOAD
8888.8888
PULSES,
DIO
IR
AMR
POWER FAULT
COMPARATOR
MODUL-
ATOR
SERIAL PORTS
OSCILLATOR/
PLL
MUX and ADC
LCD DRIVER
DIO, PULSES
COMPUTE
ENGINE
FLASH
MEMORY
RAM
32 kHz
REGULATOR
Shunt
POWER SUPPLY
71M6542F/G
TEMPERATURE
SENSOR
VREF
BATTERY
PWR MODE
CONTROL
WAKE-UP
PHASE A
I
2C or µWire
EEPROM
IAN
IBN
RTC
BATTERY
V3P3D
BATTERY
MONITOR
SPI INTERFACE
HOST
LCD DISPLAY
Pulse
Trans-
former
71M6XX1
PHASE B
LOAD
VB
NEUTRAL
Shunt
Note:
This system is referenced to PHASE A
Figure 38: 71M6542F/G with 71M6x01 Isolated Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com