Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 19Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 20Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 21Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 22Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 23Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 24Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 25Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 26Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
23
Table 5. RCMD[4:0] Bits
Command
RCMD[4:2]
Phase Selector
RCMD[1:0]
Associated TMUXRn
Control Field
000
Invalid
00
Invalid
---
001
Command 1
01
IBP-IBN
TMUXRB [2:0]
010
Command 2
011
Reserved
100
Reserved
101
Invalid
110
Reserved
111
Reserved
Notes:
1.
Only two codes of RCMD[4:2] (SFR 0xFC[4:2]) are relevant for normal
operation. These are RCMD[4:2] = 001 and 010. Codes 000 and 101
are invalid and will be ignored if used. The remaining codes are
reserved and must not be used.
2.
For the RCMD[1:0] control field, codes 01, 10 and 11 are valid and 00
is invalid and must not be used.
Table 6 shows the allowable combinations of values in RCMD[4:2] and TMUXRn[2:0], and the
corresponding data type and format sent back by the 71M6x01 isolated sensor and how the data is stored
in RMT_RD[15:8] and RMT_RD[7:0]. The MPU selects which of the three phases is read by asserting the
proper code in the RCMD[1:0] field, as shown in Table 5.
Table 6: Remote Interface Read Commands
RCMD[4:2]
TMUXRn[2:0]
Read Operation
RMT_RD [15:8]
RMT_RD [7:0]
001
00X
TRIMT[7:0]
(trim fuse for all 71M6x01)
TRIMT[7]=RMT_RD[8]
TRIMT[6:0]=RMT_RD[7:1]
010
00X
STEMP[10:0]
(sensed 71M6x01 temperature)
STEMP[10:8]=RMT_RD[10:8]
(RMT_RD[15:11] are sign extended)
STEMP[7:0]
010
01X
VSENSE[7:0]
(sensed 71M6x01 supply voltage)
All zeros
VSENSE[7:0]
010
10X
VERSION[7:0]
(chip version)
VERSION[7:0]
All zeros
Notes:
1.
TRIMT[7:0] is the VREF trim value for all 71M6x01 devices. Note that the TRIMT[7:0] 8-bit value is formed
by RMT_RD[8] and RMT_RD[7:1]. See the 71M6xxx Data sheet for more information on TRIMT[7:0]
2.
See the 71M6xxx Data Sheet for the equation to calculate temperature from the
STEMP[7:0] value read from
the 71M6x01.
3.
See the 71M6xxx Data Sheet for the equation to calculate temperature from the
VSENSE[7:0] value read from
the 71M6x01.
With hardware and trim-related information on each connected 71M6x01 Isolated Sensor available to the
71M6541D/F/G, the MPU can implement temperature compensation of the energy measurement based on
the individual temperature characteristics of the 71M6x01 Isolated Sensor. See 4.7 Metrology
Temperature Compensation on page 97 for details.
Table 7 shows all I/O RAM registers used for control of the external 71M6x01 Isolated Sensors. See the
71M6xxx Data Sheet for additional details.
Table 7: I/O RAM Control Bits for Isolated Sensor
Name
Address
RST
Default
WAKE
Default
R/W Description
RCMD[4:0]
SFR
FC[4:0]
0
0
R/W
When the MPU writes a non-zero value to RCMD,
the 71M654x issues a command to the cor-
responding isolated sensor selected with
RCMD[1:0]. When the command is complete, the
71M654x clears RCMD[4:2]. The command code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com