Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 3Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 4Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 5Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 6Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 7Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 8Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 9Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 10Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
7
Table 53: Data/Direction Registers for SEGDIO16 to SEGDIO31 (71M6542F/G) ..................................... 64
Table 54: Data/Direction Registers for SEGDIO32 to SEGDIO45 (71M6542F/G) ..................................... 64
Table 55: Data/Direction Registers for SEGDIO51 to SEGDIO55 (71M6542F/G) ..................................... 64
Table 56: LCD_VMODE[1:0] Configurations.............................................................................................. 65
Table 57: LCD Configurations.................................................................................................................... 67
Table 58: 71M6541D/F/G LCD Data Registers for SEG46 to SEG50........................................................ 69
Table 59: 71M6542F/G LCD Data Registers for SEG46 to SEG50 ........................................................... 70
Table 60: EECTRL Bits for 2-pin Interface................................................................................................... 71
Table 61: EECTRL Bits for the 3-Wire Interface .......................................................................................... 71
Table 62: SPI Transaction Fields ................................................................................................................ 74
Table 63: SPI Command Sequences.......................................................................................................... 75
Table 64: SPI Registers .............................................................................................................................. 76
Table 65: TMUX[5:0] Selections ................................................................................................................. 79
Table 66: TMUX2[4:0] Selections ............................................................................................................... 79
Table 67: Available Circuit Functions.......................................................................................................... 82
Table 68: VSTAT[2:0] (SFR 0xF9[2:0])......................................................................................................... 85
Table 69: Wake Enables and Flag Bits ....................................................................................................... 88
Table 70: Wake Bits .................................................................................................................................... 89
Table 71: Clear Events for WAKE flags ...................................................................................................... 90
Table 72: GAIN_ADJn Compensation Channels ........................................................................................ 98
Table 73: GAIN_ADJn Compensation Channels ...................................................................................... 100
Table 74: I/O RAM Map – Functional Order, Basic Configuration ............................................................ 105
Table 75: I/O RAM Map – Functional Order ............................................................................................. 107
Table 76: I/O RAM Map – Functional Order ............................................................................................. 111
Table 77. Standard CE Codes .................................................................................................................. 126
Table 78: CE EQU Equations and Element Input Mapping ...................................................................... 127
Table 79: CE Raw Data Access Locations ............................................................................................... 128
Table 80: CESTATUS Register................................................................................................................... 128
Table 81: CESTATUS (CE RAM 0x80) Bit Definitions.................................................................................. 129
Table 82: CECONFIG Register.................................................................................................................. 129
Table 83: CECONFIG (CE RAM 0x20) Bit Definitions................................................................................. 129
Table 84: Sag Threshold and Gain Adjust Control ................................................................................... 130
Table 85: CE Transfer Variables (with Local Sensors) ............................................................................. 131
Table 86: CE Transfer Variables (with Remote Sensor)........................................................................... 131
Table 87: CE Energy Measurement Variables (with Local Sensors)........................................................ 132
Table 88: CE Energy Measurement Variables (with Remote Sensor) ..................................................... 132
Table 89: Other Transfer Variables........................................................................................................... 133
Table 90: CE Pulse Generation Parameters............................................................................................. 134
Table 91: CE Parameters for Noise Suppression and Code Version ....................................................... 135
Table 92: CE Calibration Parameters ....................................................................................................... 136
Table 93: Absolute Maximum Ratings ...................................................................................................... 139
Table 94: Recommended External Components ...................................................................................... 140
Table 95: Recommended Operating Conditions....................................................................................... 140
Table 96: Input Logic Levels ..................................................................................................................... 141
Table 97: Output Logic Levels .................................................................................................................. 141
Table 98: Battery Monitor Performance Specifications (TEMP_BAT= 1) .................................................. 142
Table 99. Temperature Monitor ................................................................................................................ 142
Table 100: Supply Current Performance Specifications ........................................................................... 143
Table 101: V3P3D Switch Performance Specifications ............................................................................ 144
Table 102. Internal Power Fault Comparator Specifications .................................................................... 144
Table 103: 2.5 V Voltage Regulator Performance Specifications............................................................. 144
Table 104: Low-Power Voltage Regulator Performance Specifications ................................................... 145
Table 105: Crystal Oscillator Performance Specifications ........................................................................ 145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com