Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 51 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 51 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 47Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 48Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 49Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 50Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 51Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 52Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 53Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 54Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 55Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
51
Table 41: Clock System Summary
Clock
Derived
From
Fixed Frequency or Range
Function
PLL_FAST=1
PLL_FAST=0
Controlled by
OSC
Crystal
32.768 kHz
–
Crystal clock
MCK
Crystal/PLL
19.660800 MHz
(600*CK32)
6.291456 MHz
(192*CK32)
PLL_FAST
Master clock
CKCE
MCK
4.9152 MHz
1.5728 MHz
–
CE clock
CKADC
MCK
4.9152 MHz,
2.4576 MHz
1.572864 MHz,
0.786432 MHz
ADC_DIV
ADC clock
CKMPU
MCK
4.9152 MHz …
307.2 kHz
1.572864 MHz…
98.304 kHz
MPU_DIV[2:0]
MPU clock
CKICE
MCK
9.8304 MHz…
614.4 kHz
3.145728 MHz …
196.608 kHz
MPU_DIV[2:0]
ICE clock
CKOPTMOD
MCK
38.40 kHz
38.6 kHz
–
Optical
UART
Modulation
CK32
MCK
32.768 kHz
–
32 kHz clock
2.5.4
Real-Time Clock (RTC)
2.5.4.1 RTC General Description
The RTC is driven directly by the crystal oscillator and is powered by either the V3P3SYS pin or the
VBAT_RTC pin, depending on the V3OK internal bit. The RTC consists of a counter chain and output
registers. The counter chain consists of registers for seconds, minutes, hours, day of week, day of
month, month, and year. The chain registers are supported by a shadow register that facilitates read
and write operations.
Table 42 shows the I/O RAM registers for accessing the RTC.
2.5.4.2 Accessing the RTC
Two bits, RTC_RD (I/O RAM 0x2890[6]) and RTC_WR (I/O RAM 0x2890[7]), control the behavior of the
shadow register.
When RTC_RD is low, the shadow register is updated by the RTC after each two milliseconds. When
RTC_RD is high, this update is halted and the shadow register contents become stationary and are suitable
to be read by the MPU. Thus, when the MPU wishes to read the RTC, it freezes the shadow register by
setting the RTC_RD bit, reads the shadow register, and then lowers the RTC_RD bit to let updates to the
shadow register resume. Since the RTC clock is only 500Hz, there may be a delay of approximately 2 ms
from when the RTC_RD bit is lowered until the shadow register receives its first update. Reads to RTC_RD
continue to return a one until the first shadow update occurs.
When RTC_WR is high, the update of the shadow register is also inhibited. During this time, the MPU may
overwrite the contents of the shadow register. When RTC_WR is lowered, the shadow register is written into
the RTC counter on the next 500Hz RTC clock. A change bit is included for each word in the shadow
register to ensure that only programmed words are updated when the MPU writes a zero to RTC_WR.
Reads of RTC_WR returns one until the counter has actually been updated by the register.
The sub-second register of the RTC, RTC_SBSC (I/O RAM 0x2892), can be read by the MPU after the one
second interrupt and before reaching the next one second boundary. The RTC_SBSC register is expressed
as a count of 1/128 second periods remaining until the next one second boundary. Writing 0x00 to
RTC_SBSC resets the counter re-starting the count from 0 to 127. Reading and resetting the sub-second
counter can be used as part of an algorithm to accurately set the RTC.
The RTC is capable of processing leap years. Each counter has its own output register. The RTC chain
registers are not affected by the reset pin, watchdog timer resets, or by transitions between the battery
modes and mission mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com