Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 97 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 97 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 93Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 94Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 95Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 96Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 97Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 98Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 99Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 100Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 101Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
97
4.7
Metrology Temperature Compensation
4.7.1
Voltage Reference Precision
Since the VREF band-gap amplifier is chopper-stabilized, as set by the CHOP_E[1:0] (I/O RAM 0x2106[3:2])
control field, the dc offset voltage, which is the most significant long-term drift mechanism in the voltage
references (VREF), is automatically removed by the chopper circuit. Both the 71M654x and the 71M6x01
feature chopper circuits for their respective VREF voltage reference.
Maxim implements a trimming procedure of the VREF voltage reference during the device
manufacturing process.
The reference voltage (VREF) is trimmed to a target value of 1.195V. During this trimming process, the
TRIMT[7:0] (I/O RAM 0x2309) value is stored in non-volatile fuses. TRIMT[7:0] is trimmed to a value that
results in minimum VREF variation with temperature.
For the 71M654x device, the TRIMT[7:0] value can be read by the MPU during initialization in order to
calculate parabolic temperature compensation coefficients suitable for each individual 71M654x device.
The resulting temperature coefficient for VREF in the 71M654x is ±40 ppm/°C.
Considering the factory calibration temperature of VREF to be +22°C and the industrial temperature
range (-40°C to +85°C), the VREF error at the temperature extremes for the 71M654x device can be
calculated as:
%
252
.
0
2520
/
40
)
22
85
(
+
=
+
=
⋅
−
ppm
C
ppm
C
C
o
o
o
and
%
248
.
0
2480
/
40
)
22
40
(
−
=
−
=
⋅
−
−
ppm
C
ppm
C
C
o
o
o
The above calculation implies that both the voltage and the current measurements are individually
subject to a theoretical maximum error of approximately ±0.25%. When the voltage sample and current
sample are multiplied together to obtain the energy per sample, the voltage error and current error
combine resulting in approximately ±0.5% maximum energy measurement error. However, this
theoretical ±0.5% error considers only the voltage reference (VREF) as an error source. In practice,
other error sources exist in the system. The principal remaining error sources are the current sensors
(shunts or CTs) and their corresponding signal conditioning circuits, and the resistor voltage divider
used to measure the voltage. The 71M654x devices should be used in Class 1% designs, allowing
sufficient margin for the other error sources in the system.
4.7.2
Temperature Coefficients for the 71M654x
The equations provided below for calculating TC1 and TC2 apply to the 71M654x. In order to obtain TC1 and
TC2, the MPU reads TRIMT[7:0] (I/O RAM 0x2309) and uses the TC1 and TC2 equations provided. PPMC
and PPMC2 are then calculated from TC1 and TC2, as shown. The resulting tracking of the reference
voltage (VREF) is within ±40 ppm/°C. See 4.7.1 Voltage Reference Precision.
]
0
:
7
[
95
.
4
275
1
TRIMT
TC
⋅
−
=
]
0
:
7
[
10
8
.
2
557
.
0
2
4
TRIMT
TC
⋅
⋅
−
−
=
−
1
4632
.
22
1
195
.
1
5
2
7
21
TC
TC
PPMC
⋅
=
⋅
⋅
=
2
116
.
1150
2
195
.
1
5
2
2
8
29
TC
TC
PPMC
⋅
=
⋅
⋅
=
The coefficients multiplying TC1 and TC2 to obtain PPMC and PPMC2 are derived from the 1.195V ADC
voltage reference and scaling performed in the CE, as shown above.
See 4.7.3 and 4.7.4 below for further temperature compensation details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com