Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 31 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 31 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 27Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 28Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 29Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 30Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 31Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 32Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 33Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 34Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 35Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
31
2.4
80515 MPU Core
The 71M6541D/F/G and 71M6542F/G include an 80515 MPU (8-bit, 8051-compatible) that processes
most instructions in one clock cycle. Using a 4.9 MHz clock results in a processing throughput of 4.9 MIPS.
The 80515 architecture eliminates redundant bus states and implements parallel execution of fetch and
execution phases. Normally, a machine cycle is aligned with a memory fetch, therefore, most of the 1-byte
instructions are performed in a single machine cycle (MPU clock cycle). This leads to an 8x average
performance improvement (in terms of MIPS) over the Intel 8051 device running at the same clock
frequency.
Table 9 shows the CKMPU frequency as a function of the MCK clock (19.6608 MHz) divided by the MPU
clock divider which is set in the I/O RAM control field MPU_DIV[2:0] (I/O RAM 0x2200[2:0]). Actual processor
clocking speed can be adjusted to the total processing demand of the application (metering calculations,
AMR management, memory management, LCD driver management and I/O management) using
MPU_DIV[2:0], as shown in Table 9.
Table 9: CKMPU Clock Frequencies
MPU_DIV [2:0]
CKMPU Frequency
000
4.9152 MHz
001
2.4576 MHz
010
1.2288 MHz
011
614.4 kHz
100
307.2 kHz
101
110
111
Typical measurement and metering functions based on the results provided by the internal 32-bit compute
engine (CE) are available for the MPU as part of the Maxim standard library. Maxim provides
demonstration source code to help reduce the design cycle.
2.4.1
Memory Organization and Addressing
The 80515 MPU core incorporates the Harvard architecture with separate code and data spaces. Memory
organization in the 80515 is similar to that of the industry standard 8051. There are three memory areas:
Program memory (Flash, shared by MPU and CE), external RAM (Data RAM, shared by the CE and MPU,
Configuration or I/O RAM), and internal data memory (Internal RAM). Table 10 shows the memory map.
Program Memory
The 80515 can address up to 64 KB of program memory space (0x0000 to 0xFFFF). Program memory is
read when the MPU fetches instructions or performs a MOVC operation.
After reset, the MPU starts program execution from program memory location 0x0000. The lower part of
the program memory includes reset and interrupt vectors. The interrupt vectors are spaced at 8-byte
intervals, starting from 0x0003.
MPU External Data Memory (XRAM)
Both internal and external memory is physically located on the 71M654x device. The external memory
referred in this documentation is only external to the 80515 MPU core.
3 KB of RAM starting at address 0x0000 is shared by the CE and MPU. The CE normally uses the first
1 KB, leaving 2 KB for the MPU. Different versions of the CE code use varying amounts. Consult the
documentation for the specific code version being used for the exact limit.
If the MPU overwrites the CE’s working RAM, the CE’s output may be corrupted. If the CE is dis-
abled, the first 0x40 bytes of RAM are still unusable while MUX_DIV[3:0]
≠ 0 because the
71M654x ADC writes to these locations. Setting MUX_DIV[3:0] = 0 disables the ADC output
preventing the CE from writing the first 0x40 bytes of RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com