Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 87 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 87 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 83Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 84Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 85Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 86Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 87Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 88Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 89Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 90Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 91Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
87
There is no internal digital state that could deactivate the WDT. For debug purposes, however, the WDT
can be disabled by raising the ICE_E pin to 3.3 VDC.
In normal operation, the WDT is reset by periodically writing a one to the WD_RST control bit (I/O RAM
0x28B4[7]). The watchdog timer is also reset when the 71M654x wakes from LCD or SLP mode, and
when ICE_E = 1.
3.4
Wake Up Behavior
As described above, the part always wakes-up in MSN mode when system power is restored. As
described in 3.2 Battery Modes, transitions from both LCD and SLP mode to BRN mode can be initiated
by a wake-up timer timeout, when the pushbutton (PB) input is high, a rising edge on SEGDIO4, or a high
logic level on SEGDIO52 or SEGDIO55, or by activity on the RX or OPT_RX pins.
3.4.1
Wake on Hardware Events
The following pin signal events wake the 71M654x from SLP or LCD mode: a high level on the PB pin, either
edge on the RX pin, a rising edge on the SEGDIO4 pin, a high level on the SEGDIO52 pin (71M6542F/G
only), or a high level on the SEGDIO55 pin or either edge on the OPT_RX pin. See Table 69 for de-bounce
details on each pin and for further details on the OPT_RX/SEGDIO55 pin. The SEGDIO4, SEGDIO52
(71M6542F/G only), and SEGDIO55 pins must be configured as DIO inputs and their wake enable (EW_x
bits) must be set. In SLP and LCD modes, the MPU is held in reset and cannot poll pins or react to
interrupts. When one of the hardware wake events occurs, the internal WAKE signal rises and within
three CK32 cycles the MPU begins to execute. The MPU can determine which one of the pins
awakened it by checking the WF_PB, WF_RX, WF_SEGDIO4, WF_DIO52 (71M6542F/G only), or
WF_DIO55 flags (see Table 69).
If the part is in SLP or LCD mode, it can be awakened by a high level on the PB pin. This pin is normally
pulled to GND and can be connected externally so it may be pulled high by a push button depression.
Some pins are de-bounced to reject EMI noise. Detection hardware ignores all transitions after the initial
transition. Table 69 shows which pins are equipped with de-bounce circuitry.
Pins that do not have de-bounce circuits must still be high for at least 2 µs to be recognized.
The wake enable and flag bits are also shown in Table 69. The wake flag bits are set by hardware when
the MPU wakes from a wake event. Note that the PB flag is set whenever the PB is pushed, even if the
part is already awake.
Table 71 lists the events that clear the WF flags.
In addition to push buttons and timers, the part can also reboot due to the RESET pin, the RESET bit (I/O
RAM 0x2200[3]), the WDT, the cold start detector, and E_RST. As seen in Table 69, each of these
mechanisms has a flag bit to alert the MPU to the source of the wakeup. If the wake-up is caused by
return of system power, there is no active WF flag and the VSTAT[2:0] field (SFR 0xF9[2:0]) indicate that
system power is stable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com