Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 63 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 63 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 59Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 60Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 61Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 62Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 63Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 64Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 65Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 66Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 67Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
63
2.5.8.3 Digital I/O for the 71M6542F/G
A total of 55 combined SEG/DIO pins are available for the 71M6542D/F. These pins can be categorized
as follows:
36 combined DIO/LCD segment pins:
o
SEGDIO4…SEGDIO5 (2 pins)
o
SEGDIO9…SEGDIO25 (17 pins)
o
SEGDIO28…SEGDIO35 (8 pins)
o
SEGDIO40…SEGDIO45 (6 pins)
o
SEGDIO52…SEGDIO54 (3 pins)
15 combined DIO/LCD segment pins shared with other functions:
o
SEGDIO0/WPULSE, SEGDIO1/VPULSE (2 pins)
o
SEGDIO2/SDCK, SEGDIO3/SDATA (2 pins)
o
SEGDIO6/XPULSE, SEGDIO7/YPULSE (2 pins)
o
SEGDIO8/DI (1 pin)
o
SEGDIO26/COM5, SEGDIO27/COM4 (2 pins)
o
SEGDIO36/SPI_CSZ…SEGDIO39/SPI_CKI (4 pins)
o
SEGDIO51/OPT_TX, SEGDIO55/OPT_RX (2 pins)
5 dedicated SEG segment pins are available:
o
ICE Inteface pins: SEG48/E_RXTX, SEG49/E_TCLK, SEG50/E_RST (3 pins)
o
Test Port pins: SEG46/TMUX2OUT, SEG47/TMUXOUT (2 pins)
There are four dedicated common segment outputs (COM0…COM3) plus the two additional shared common
segment outputs that are listed under combined SEG/DIO shared pins (SEGDIO26/COM5,
SEGDIO27/COM4).
Thus, in a configuration where none of these pins are used as DIOs, there can be up to 55 LCD segment
pins with 4 commons, or 54 LCD segment pins with 6 commons. And in a configuration where LCD
segment pins are not used, there can be up to 50 DIO pins.
Example: SEGDIO12 (see pin 32 in Table 52) is configured as a DIO output pin with a value of 1 (high) by
writing 0 to bit 4 of LCD_MAP[15:8], and writing 1 to both P3[4]and P3[0]. The same pin is configured as
an LCD driver by writing 1 to bit 4 of LCD_MAP[15:8]. The display information is written to bits 0 to 5 of
LCD_SEG12.
The configuration for pins SEGDIO16 to SEGDIO31 is shown in Table 53, the configuration for pins
SEGDIO32 to SEGDIO45 is shown in Table 54. SEG46 through SEG50 cannot be configured as DIO
pins. The configuration for pins SEGDIO51 to SEGDIO55 is shown in Table 55.
Table 52: Data/Direction Registers for SEGDIO0 to SEGDIO15 (71M6542F/G)
SEGDIO
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Pin #
45
44
43
42
41
39
38
37
36
35
34
33
32
31
30
29
Configuration:
0 = DIO, 1 = LCD
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
LCD_MAP[7:0] (I/O RAM 0x240B)
LCD_MAP[15:8] (I/O RAM 0x240A)
SEG Data Register
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
LCD_SEG0[5:0] to LCD_SEG15[5:0] (I/O RAM 0x2410[5:0] to 0x241F[5:0]
DIO Data Register
0
1
2
3
0
1
2
3
0
1
2
3
0
1
2
3
P0 (SFR 0x80)
P1 (SFR 0x90)
P2 (SFR 0xA0)
P3 (SFR 0xB0)
Direction Register:
0 = input, 1 = output
4
5
6
7
4
5
6
7
4
5
6
7
4
5
6
7
P0 (SFR 0x80)
P1 (SFR 0x0)
P2 (SFR 0xA0)
P3 (SFR 0xB0)
Internal Resources
Configurable
(see Table 47)
–
–
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com