Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 93 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 93 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 89Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 90Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 91Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 92Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 93Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 94Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 95Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 96Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 97Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
93
4.3
71M6541D/F/G Using Local Sensors
Figure 35 shows a 71M6541D/F/G configuration using locally connected current sensors. The IAP-IAN
current channel may be directly connected to either a shunt resistor or a CT, while the IBP-IBN channel is
connected to a CT and is therefore isolated. This configuration implements a single-phase measurement
with tamper-detection using one current sensor to measure the neutral current. This configuration can
also be used to create a split phase meter (e.g., ANSI Form 2S). For best performance, both the IAP-IAN
and IBP-IBN current sensor inputs are configured for differential mode (i.e., DIFFA_E = 1 and DIFFB_E =
1, I/O RAM 0x210C[4] and 0x210C[5]). The IBP-IBN input must be configured as an analog differential
input disabling the remote sensor interface (i.e., RMT_E = 0, I/O RAM 0x2709[3]). See Figure 2 for the AFE
configuration corresponding to Figure 35.
MPU
RTC
TIMERS
IAP
VA
IBP
XIN
XOUT
RX
TX
TX
RX
COM0...5
V3P3A V3P3SYS
VBAT
VBAT_RTC
SEG
GNDA GNDD
SEG/DIO
DIO
ICE
LINE
NEUTRAL
LOAD
8888.8888
PULSES,
DIO
IR
AMR
POWER FAULT
COMPARATOR
MODUL-
ATOR
SERIAL PORTS
OSCILLATOR/
PLL
MUX and ADC
LCD DRIVER
DIO, PULSES
COMPUTE
ENGINE
FLASH
MEMORY
RAM
32 kHz
REGULATOR
CT
POWER SUPPLY
71M6541D/F/G
TEMPERATURE
SENSOR
VREF
BATTERY
PWR MODE
CONTROL
WAKE-UP
NEUTRAL
I
2C or µWire
EEPROM
IAN
IBN
RTC
BATTERY
V3P3D
BATTERY
MONITOR
SPI INTERFACE
HOST
LCD DISPLAY
CT
LINE
Note:
This system is referenced to LINE
Shunt
or
11/5/2010
Figure 35. 71M6541D/F/G with Local Sensors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com