Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 92 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 92 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 88Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 89Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 90Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 91Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 92Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 93Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 94Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 95Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 96Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
92
Rev 5
4
Application Information
4.1
Connecting 5 V Devices
All digital input pins of the 71M654x are compatible with external 5 V devices. I/O pins configured as
inputs do not require current-limiting resistors when they are connected to external 5 V devices.
4.2
Direct Connection of Sensors
Figure 31 through Figure 34 show voltage-sensing resistive dividers, current-sensing current transformers
(CTs) and current-sensing resistive shunts and how they are connected to the voltage and current inputs
of the 71M654x. All input signals to the 71M654x sensor inputs are voltage signals providing a scaled
representation of either a sensed voltage or current.
The analog input pins of the 71M654x are designed for sensors with low source impedance.
RC filters with resistance values higher than those implemented in the Demo Boards must not
be used. Refer to the Demo Board schematics for complete sensor input circuits and
corresponding component values.
RIN
VIN
ROUT
V3P3A
VA
Figure 31: Resistive Voltage Divider (Voltage Sensing)
IIN
IAP
V3P3A
VOUT
IOUT
RBURDEN
CT
1:N
Noise Filter
Figure 32. CT with Single-Ended Input Connection (Current Sensing)
IIN
IAP
IAN
V3P3A
VOUT
IOUT
RBURDEN
CT
1:N
Bias Network and Noise Filter
Figure 33: CT with Differential Input Connection (Current Sensing)
IIN
RSHUNT
IAP
IAN
V3P3A
VOUT
Bias Network and Noise Filter
Figure 34: Differential Resistive Shunt Connections (Current Sensing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com