Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 28Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 29Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 30Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 31Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 32Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 33Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 34Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 35Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 36Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
32
Rev 5
To change the slot assignments established by MUXn_SEL[3:0], first set MUX_DIV[3:0] to zero,
then change the MUXn_SEL[3:0] slot assignments, and finally set MUX_DIV[3:0] to the number
of active MUX frame slots.
The 80515 writes into external data memory when the MPU executes a MOVX @Ri,A or MOVX
@DPTR,A instruction. The MPU reads external data memory by executing a MOVX A,@Ri or MOVX
A,@DPTR instruction (PDATA, SFR 0xBF, provides the upper 8 bytes for the MOVX A,@Ri instruction).
Internal and External Memory Map
Table 10 shows the address, type, use and size of the various memory components.
Table 10: Memory Map
Address
(hex)
Memory
Technology
Memory
Type
Name
Typical Usage
Memory Size
(bytes)
0000-7FFF
Flash Memory
Non-volatile
Program memory
for MPU and CE
MPU Program and
non-volatile data
128/64/32 KB
†
CE program (on 1
KB boundary)
3 KB max.
0000-0BFF
Static RAM
Volatile
External RAM
(XRAM)
Shared by CE and
MPU
5/3 KB
†
2000-27FF
Static RAM
Volatile
Configuration
RAM (I/O RAM)
Hardware control
2 KB
2800-287F
Static RAM
Non-volatile
(battery)
Configuration
RAM (I/O RAM)
Battery-buffered
memory
128
0000-00FF
Static RAM
Volatile
Internal RAM
Part of 80515 Core
256
† Memory size depends on IC. See 2.5.1 Physical Memory for details.
MOVX Addressing
There are two types of instructions differing in whether they provide an 8-bit or 16-bit indirect address to
the external data RAM.
In the first type, MOVX A,@Ri, the contents of R0 or R1 in the current register bank provide the eight
lower-ordered bits of address. The eight high-ordered bits of the address are specified with the PDATA
SFR. This method allows the user paged access (256 pages of 256 bytes each) to all ranges of the
external data RAM.
In the second type of MOVX instruction, MOVX A,@DPTR, the data pointer generates a 16-bit address.
This form is faster and more efficient when accessing very large data arrays (up to 64 KB), since no
additional instructions are needed to set up the eight high ordered bits of the address.
It is possible to mix the two MOVX types. This provides the user with four separate data pointers, two
with direct access and two with paged access, to the entire external memory range.
Dual Data Pointer
The Dual Data Pointer accelerates the block moves of data. The standard DPTR is a 16-bit register that
is used to address external memory or peripherals. In the 80515 core, the standard data pointer is called
DPTR, the second data pointer is called DPTR1. The data pointer select bit, located in the LSB of the DPS
register (DPS[0], SFR 0x92), chooses the active pointer. DPTR is selected when DPS[0] = 0 and DPTR1 is
selected when DPS[0] = 1.
The user switches between pointers by toggling the LSB of the DPS register. The values in the data pointers
are not affected by the LSB of the DPS register. All DPTR related instructions use the currently selected
DPTR for any activity.
The second data pointer may not be supported by certain compilers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com