Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 21Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 22Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 23Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 24Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 25Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 26Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 27Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 28Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 29Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
25
The XRAM can be accessed by the FIR filter block, the RTM circuit, the CE, and the MPU. Assigned time
slots are reserved for FIR and MPU, respectively, to prevent bus contention for XRAM data access by the CE.
The MPU reads and writes the XRAM shared between the CE and MPU as the primary means of data
communication between the two processors.
Table 3 shows the CE addresses in XRAM allocated to analog inputs from the AFE.
The CE is aided by support hardware to facilitate implementation of equations, pulse counters, and
accumulators. This hardware is controlled through the I/O RAM control field EQU[2:0], equation assist
(I/O RAM 0x2106[7:5]), bit DIO_PV (I/O RAM 0x2457[6]), bit DIO_PW, pulse count assist (I/O RAM
0x2457[7]), and SUM_SAMPS[12:0], accumulation assist (I/O RAM 0x2107[4:0] and 0x2108[7:0]).
SUM_SAMPS[12:0] supports an accumulation scheme where the incremental energy values from up to
SUM_SAMPS[12:0] multiplexer frames are added up over one accumulation interval. The integration time
for each energy output is, for example, SUM_SAMPS[12:0]/2520.6 (with MUX_DIV[3:0] = 011, I/O RAM
0x2100[7:4] and FIR_LEN[1:0] = 10, I/O RAM 0x210C[2:1]). CE hardware issues the XFER_BUSY interrupt
when the accumulation is complete.
2.3.3
CE Communication with the MPU
The CE outputs six signals to the MPU: CE_BUSY, XFER_BUSY, XPULSE, YPULSE, WPULSE and
VPULSE. These are connected to the MPU interrupt service. CE_BUSY indicates that the CE is actively
processing data. This signal occurs once every multiplexer frame. XFER_BUSY indicates that the CE is
updating to the output region of the CE RAM, which occurs whenever an accumulation cycle has been
completed. Both, CE_BUSY and XFER_BUSY are cleared when the CE executes a HALT instruction.
XPULSE, YPULSE, VPULSE, and WPULSE can be configured to interrupt the MPU and indicate zero
crossings of the mains voltage, sag failures, or other significant events. Additionally, these signals can be
connected directly to DIO pins to provide direct outputs for the CE. Interrupts associated with these
signals always occur on the leading edge (see “External” interrupt source No. 2 in Figure 16).
2.3.4
Meter Equations
The 71M6541D/F/G and 71M6542F/G provide hardware assistance to the CE in order to support various
meter equations. This assistance is controlled through I/O RAM register EQU[2:0] (equation assist). The
Compute Engine (CE) firmware for industrial configurations can implement the equations listed in Table 8.
EQU[2:0] specifies the equation to be used based on the meter configuration and on the number of
phases used for metering.
Table 8: Inputs Selected in Multiplexer Cycles
EQU
Description
Wh and VARh formula
Recommended
Multiplexer
Sequence
Element 0
Element 1
Element 2
0
1-element, 2-W, 1
f with
neutral current sense
VA · IA
VA · IB
1
N/A
IA VA IB
1
1
1-element, 3-W, 1
f
VA(IA-IB)/2
N/A
N/A
IA VA IB
2 †
2-element, 3-W, 3
f Delta
VA · IA
VB · IB
N/A
IA VA IB VB
Note:
1.
Optionally, IB may be used to measure neutral current
† 71M6542F/G only
2.3.5
Real-Time Monitor (RTM)
The CE contains a Real-Time Monitor (RTM), which can be programmed to monitor four selectable
XRAM locations at full sample rate. The four monitored locations, as selected by the I/O RAM registers
RTM0[9:8], RTM0[7:0], RTM1[9:8], RTM1[7:0], RTM2[9:8], RTM2[7:0], RTM3[9:8], and RTM3[7:0], are
serially output to the TMUXOUT pin via the digital output multiplexer at the beginning of each CE code
pass. The RTM can be enabled and disabled with control bit RTM_E (I/O RAM 0x2106[1]). The RTM
output is clocked by CKTEST. Each RTM word is clocked out in 35 CKCE cycles (1 CKCE cycle is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com