Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 79 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 79 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 75Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 76Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 77Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 78Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 79Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 80Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 81Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 82Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 83Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
79
The TMUXOUT and TMUX2OUT pins may be used for diagnostics purposes during the product
development cycle or in the production test. The RTC 1-second output may be used to calibrate the
crystal oscillator. The RTC 4-second output provides higher precision for RTC calibration. RTCLK may
also be used to calibrate the RTC.
Table 65: TMUX[5:0] Selections
TMUX[5:0]
Signal Name
Description
1
RTCLK
32.768 kHz clock waveform
9
WD_RST
Indicates when the MPU has reset the watchdog timer. Can be
monitored to determine spare time in the watchdog timer.
A
CKMPU
MPU clock – see Table 9
D
V3AOK bit
Indicates that the V3P3A pin voltage is ≥ 3.0 V. The V3P3A and
V3P3SYS pins are expected to be tied together at the PCB level.
The 71M654x monitors the V3P3A pin voltage only.
E
V3OK bit
Indicates that the V3P3A pin voltage is ≥ 2.8 V. The V3P3A and
V3P3SYS pins are expected to be tied together at the PCB level.
The 71M654x monitors the V3P3A pin voltage only.
1B
MUX_SYNC
Internal multiplexer frame SYNC signal. See Figure 6 and Figure
7.
1C
CE_BUSY interrupt
See 2.3.3 on page 25 and Figure 16 on page 47
1D
CE_XFER interrupt
1F
RTM output from CE
See 2.3.5 on page 25
Note:
All
TMUX[5:0] values which are not shown are reserved.
Table 66: TMUX2[4:0] Selections
TMUX2[4:0]
Signal Name
Description
0
WD_OVF
Indicates when the watchdog timer has expired (overflowed).
1
PULSE_1S
One second pulse with 25% Duty Cycle. This signal can be used
to measure the deviation of the RTC from an ideal 1 second
interval. Multiple cycles should be averaged together to filter out
jitter.
2
PULSE_4S
Four second pulse with 25% Duty Cycle. This signal can be used
to measure the deviation of the RTC from an ideal 4 second
interval. Multiple cycles should be averaged together to filter out
jitter. The 4 second pulse provides a more precise measurement
than the 1 second pulse.
3
RTCLK
32.768 kHz clock waveform
8
SPARE[1] bit – I/O RAM
0x2704[1]
Copies the value of the bit stored in 0x2704[1]. For general
purpose use.
9
SPARE[2] bit – I/O RAM
0x2704[2]
Copies the value of the bit stored in 0x2704[2]. For general
purpose use.
A
WAKE
Indicates when a WAKE event has occurred.
B
MUX_SYNC
Internal multiplexer frame SYNC signal. See Figure 6 and Figure
7.
C
MCK
See 2.5.3 on page 50
E
GNDD
Digital GND. Use this signal to make the TMUX2OUT pin static.
12
INT0 – DIG I/O
Interrupt 0. See 2.4.8 on page 41. Also see Figure 16 on page 47.
13
INT1 – DIG I/O
14
INT2 – CE_PULSE
15
INT3 – CE_BUSY
16
INT4 - VSTAT
17
INT5 – EEPROM/SPI
18
INT6 – XFER, RTC
1F
RTM_CK (flash)
See 2.3.5 on page 25.
Note:
All
TMUX2[4:0] values which are not shown are reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com