Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 86 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 86 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 82Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 83Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 84Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 85Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 86Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 87Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 88Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 89Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 90Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
86
Rev 5
3.3.2
IC Behavior at Low Battery Voltage
When system power is not present, the 71M6541D/F/G and 71M6542F/G rely on the VBAT pin for power.
If the VBAT voltage is not sufficient to maintain VDD at 2.0 VDC or greater, the MPU cannot operate
reliably. Low VBAT voltage can occur while the part is operating in BRN mode, or while it is dormant in
SLP or LCD mode. Two cases can be distinguished, depending on MPU code:
•
Case 1: System power is not present, and the part is waking from SLP or LCD mode. In this case,
the hardware checks the value of VDD to determine if processor operation is possible. If it is not
possible, the part configures itself for BRN operation, and holds the processor in reset (WAKE=0). In
this mode, VBAT powers the 1.0 VDC reference for the LCD system, the VDD regulator, the PLL, and
the fault comparator. The part remains in this waiting mode until VDD becomes high due to system
power being applied or the VBAT battery being replaced or recharged.
•
Case 2: The part is operating under VBAT power and VSTAT[2:0] (SFR 0xF9[2:0]) becomes 101,
indicating that VDD falls below 2.0 VDC. In this case, the firmware has two choices:
1) One choice is to assert the SLEEP bit (I/O RAM 0x28B2[7]) immediately. This assertion
preserves the remaining charge in VBAT. Of course, if the battery voltage is not increased, the
71M654x enters Case 1 as soon as it tries to wake up.
2) The alternative choice is to enter the waiting mode described in Case 1 immediately. Specifically, if the
firmware does not assert the SLEEP bit, the hardware resets the processor four CE32 clock cycles (i.e.,
122 µs) after VSTAT[2:0] becomes 101 and, as described in Case 1, it begins waiting for VDD to
become greater than 2.0 VDC. The MPU wakes up when system power returns, or when VDD
becomes greater than 2.0 VDC.
In either case, when VDD recovers, and when the MPU wakes up, the WF_BADVDD flag (I/O RAM 0x28B0[2])
can be read to determine that the processor is recovering from a bad VBAT condition. The WF_BADVDD
flag remains set until the next time WAKE falls. This flag is independent of the other WF flags.
In all cases, low VBAT voltage does not corrupt RTC operation, the state of NV memory, or the state of
non-volatile memory. These circuits depend on the VBAT_RTC pin for power.
3.3.3
Reset Sequence
When the RESET pin is pulled high, all digital activity in the chip stops, with the exception of the oscillator
and RTC. Additionally, all I/O RAM bits are forced to their RST state. Reliable reset does not occur until
RESET has been high at least for 2 µs. Note that TMUX and the RTC do not reset unless the TEST pin
is pulled high while RESET is high.
The RESET control bit (I/O RAM 0x 2200[3]) performs an identical reset to the RESET pin except that a
significantly shorter reset timer is used.
Once initiated, the reset sequence waits until the reset timer times out. The time-out occurs in 4100
CE32 cycles (125 ms), at which time the MPU begins executing its pre-boot and boot sequences from
address 0x0000. See 2.5.1.1 Hardware Watchdog Timer for a detailed description of the pre-boot and
boot sequences.
If system power is not present, the reset timer duration is two CE32 cycles, at which time the MPU begins
executing in BRN mode, starting at address 0x0000.
A softer form of reset is initiated when the E_RST pin of the ICE interface is pulled low. This event
causes the MPU and other registers in the MPU core to be reset but does not reset the remainder of the
IC, for example the I/O RAM. It does not trigger the reset sequence. This type of reset is intended to reset
the MPU program, but not to make other changes to the chip’s state.
3.3.4
Watchdog Timer Reset
The watchdog timer (WDT) is described in 2.5.11 Hardware Watchdog Timer.
A status bit, WF_OVF (I/O RAM 0x28B0[4]), is set when a WDT overflow occurs. Similar to the other wake
flags, this bit is powered by the non-volatile supply and can be read by the MPU to determine if the part is
initializing after a WD overflow event or after a power up. The WF_OVF bit is cleared by the RESET pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com