Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 44 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 44 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 40Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 41Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 42Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 43Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 44Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 45Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 46Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 47Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 48Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
44
Rev 5
External MPU Interrupts
The seven external interrupts are the interrupts external to the 80515 core, i.e., signals that originate in
other parts of the 71M654x, for example the CE, DIO, RTC, or EEPROM interface.
The external interrupts are connected as shown in Table 32. The polarity of interrupts 2 and 3 is
programmable in the MPU via the I3FR and I2FR bits in T2CON (SFR 0xC8). Interrupts 2 and 3 should be
programmed for falling sensitivity (I3FR = I2FR = 0). The generic 8051 MPU literature states that interrupts 4
through 6 are defined as rising-edge sensitive. Thus, the hardware signals attached to interrupts 5
and 6 are inverted to achieve the edge polarity shown in Table 32.
Table 32: External MPU Interrupts
External
Interrupt
Connection
Polarity
Flag Reset
0
Digital I/O (IE0)
see 2.5.8
automatic
1
Digital I/O (IE1)
see 2.5.8
automatic
2
CE_PULSE (IE_XPULSE, IE_YPULSE, IE_WPULSE,
IE_VPULSE)
rising
manual
3
CE_BUSY (IE3)
falling
automatic
4
VSTAT (VSTAT[2:0] changed) (IE4)
rising
automatic
5
EEPROM busy (falling), SPI (rising) (IE_EEX, IE_SPI)
—
manual
6
XFER_BUSY (falling), RTC_1SEC, RTC_1MIN, RTC_T
(IE_XFER, IE_RTC1S, IE_RTC1M, IE_RTCT)
falling
manual
External interrupt 0 and 1 can be mapped to pins on the device using DIO resource maps. See 2.5.8
Digital I/O for more information.
SFR enable bits must be set to permit any of these interrupts to occur. Likewise, each interrupt has its own
flag bit, which is set by the interrupt hardware, and reset by the MPU interrupt handler. XFER_BUSY,
RTC_1SEC, RTC_1MIN, RTC_T, SPI, PLLRISE and PLLFALL have their own enable and flag bits in
addition to the interrupt 6, 4 and enable and flag bits (see Table 33: Interrupt Enable and Flag Bits).
IE0 through IEX6 are cleared automatically when the hardware vectors to the interrupt handler.
The other flags, IE_XFER through IE_VPULSE, are cleared by writing a zero to them.
Since these bits are in an SFR bit addressable byte, common practice would be to clear them
with a bit operation, but this must be avoided. The hardware implements bit operations as a
byte wide read-modify-write hardware macro. If an interrupt occurs after the read, but before
the write, its flag cleared unintentionally.
The proper way to clear the flag bits is to write a byte mask consisting of all ones except for a
zero in the location of the bit to be cleared. The flag bits are configured in hardware to ignore
ones written to them.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com