Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 50 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 50 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 46Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 47Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 48Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 49Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 50Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 51Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 52Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 53Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 54Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
50
Rev 5
While operating in SPI Flash Mode (SFM), SPI single-byte transactions are used to write to
FL_BANK[1:0]. During an SPI single-byte transaction, SPI_CMD[1:0] will overwrite the contents of
FL_BANK[1:0]. This will allow for access of the entire 128 KB Flash memory while operating in SFM on
the 71M6541G/71M6542G.
If the SPI port is used for code updates (in lieu of a programmer that uses the ICE port), then a code that
disables the flash access via SPI can potentially lock out flash program updates.
Details on the SFM are in 2.5.10 (SPI Slave Port).
2.5.1.2 MPU/CE RAM
The 71M6541D includes 3 KB of static RAM memory on-chip (XRAM) plus 256 bytes of internal RAM in
the MPU core. The 71M6541D/F/G and the 71M6542F/G include 5 KB of static RAM memory on-chip
(XRAM) plus 256 bytes of internal RAM in the MPU core. The static RAM is used for data storage for
both MPU and CE operations.
2.5.1.3 I/O RAM (Configuration RAM)
The I/O RAM can be seen as a series of hardware registers that control basic hardware functions. I/O
RAM address space starts at 0x2000. The registers of the I/O RAM are listed in Table 74.
The 71M6541D/F/G and 71M6542F/G include 128 bytes non-volatile RAM memory on-chip in the I/O
RAM address space (addresses 0x2800 to 0x287F). This memory section is supported by the voltage
applied at VBAT_RTC and the data in it are preserved in BRN, LCD, and SLP modes as long as the
voltage at VBAT_RTC is within specification.
2.5.2
Oscillator
The oscillator drives a standard 32.768 kHz watch crystal. This type of crystal is accurate and does not
require a high-current oscillator circuit. The oscillator has been designed specifically to handle watch
crystals and is compatible with their high impedance and limited power handling capability. The oscillator
power dissipation is very low to maximize the lifetime of any battery attached to VBAT_RTC.
Oscillator calibration can improve the accuracy of both the RTC and metering. Refer to 2.5.4, Real-Time
Clock (RTC) for more information.
The oscillator is powered from the V3P3SYS pin or from the VBAT_RTC pin, depending on the V3OK
internal bit (i.e., V3OK = 1 if V3P3SYS
≥ 2.8 VDC and V3OK = 0 if V3P3SYS < 2.8 VDC). The oscillator
requires approximately 100 nA, which is negligible compared to the internal leakage of a battery.
2.5.3
PLL and Internal Clocks
Timing for the device is derived from the 32.768 kHz crystal oscillator output that is multiplied by a PLL by
600 to produce 19.660800 MHz, the master clock (MCK). All on-chip timing, except for the RTC clock, is
derived from MCK. Table 41 provides a summary of the clock functions and their controls.
The two general-purpose counter/timers contained in the MPU are controlled by CKMPU (see 2.4.6
Timers and Counters).
The master clock can be boosted to 19.66 MHz by setting the PLL_FAST bit = 1 (I/O RAM 0x2200[4]) and
can be reduced to 6.29 MHz by PLL_FAST = 0. The MPU clock frequency CKMPU is determined by
another divider controlled by the I/O RAM control field MPU_DIV[2:0] (I/O RAM 0x2200[2:0]) and can be
set to MCK*2
-(MPU_DIV+2) , where MPU_DIV[2:0] may vary from 0 to 4. The 71M654x V3P3SYS supply
current is reduced by reducing the MPU clock frequency. When the ICE_E pin is high, the circuit also
generates the 9.83 MHz clock for use by the emulator.
The PLL is only turned off in SLP mode or in LCD mode when LCD_BSTE is disabled. The LCD_BSTE
value depends on the setting of the LCD_VMODE [1:0] field (see Table 56).
When the part is waking up from SLP or LCD modes, the PLL is turned on in 6.29 MHz mode, and the PLL
frequency is not be accurate until the PLL_OK flag (SFR 0xF9[4]) rises. Due to potential overshoot, the MPU
should not change the value of PLL_FAST until PLL_OK is true.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com