Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 30 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 30 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 26Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 27Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 28Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 29Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 30Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 31Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 32Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 33Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 34Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
30
Rev 5
MUX STATE
CK32
(32768 Hz)
0
1
2
MUX_DIV[3:0] = 3 Conversions
Settle
Multiplexer Frame (13 x 30.518 µs = 396.7 µs -> 2520.6 Hz)
S
S
IA
VA
IB
30.5
µs
122.07 µs
122.07 µs
122.07 µs
Figure 14: Samples from Multiplexer Cycle (MUX_DIV[3:0] = 3)
MUX STATE
CK32
(32768 Hz)
0
3
1
2
MUX_DIV[3:0] = 4 Conversions
Settle
Multiplexer Frame (13 x 30.518 µs = 396 µs
2520Hz)
S
S
IA
VA
IB
30.5 µs
91.5 µs
91.5 µs
91.5 µs
91.5 µs
VB
Figure 15: Samples from Multiplexer Cycle (MUX_DIV[3:0] = 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com