Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 76 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 76 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 72Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 73Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 74Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 75Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 76Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 77Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 78Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 79Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 80Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
76
Rev 5
Table 64: SPI Registers
Name
Location
Rst
Wk
Dir
Description
EX_SPI
2701[7]
0
0
R/W
SPI interrupt enable bit.
SPI_CMD
SFR FD[7:0]
–
–
R
SPI command. The 8-bit command from the bus master.
SPI_E
270C[4]
1
1
R/W
SPI port enable bit. It enables the SPI interface on pins
SEGDIO36 – SEGDIO39.
IE_SPI
SFR F8[7]
0
0
R/W
SPI interrupt flag. Set by hardware, cleared by writing a 0.
SPI_SAFE
270C[3]
0
0
R/W
Limits SPI writes to SPI_CMD and a 16 byte region in
DRAM when set. No other write operations are permitted.
SPI_STAT
2708[7:0]
0
0
R
SPI_STAT contains the status results from the previous
SPI transaction.
Bit 7: Ready error: The 71M654x was not ready to read
or write as directed by the previous command.
Bit 6: Read data parity: This bit is the parity of all bytes
read from the 71M654x in the previous command. Does
not include the SPI_STAT byte.
Bit 5: Write data parity: This bit is the overall parity of the
bytes written to the 71M654x in the previous command.
It includes CMD and ADDR bytes.
Bit 4-2: Bottom 3 bits of the byte count. Does not include
ADDR and CMD bytes. One, two, and three byte
instructions return 111.
Bit 1: SPI FLASH mode: This bit is zero when the TEST
pin is zero.
Bit 0: SPI FLASH mode ready: Used in SPI FLASH
mode. Indicates that the flash is ready to receive
another write instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com