Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 69 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 69 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 65Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 66Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 67Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 68Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 69Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 70Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 71Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 72Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 73Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
69
LCD Drivers (71M6541D/F/G)
With a maximum of 35 LCD driver pins available, the 71M6541D/F/G is capable of driving up to 6 x 35 =
210 pixels of an LCD display when using the 6 x multiplex mode. At eight pixels per digit, this
corresponds to 26 digits.
LCD segment data is written to the LCD_SEGn[5:0] I/O RAM registers as described in 2.5.8.2 and 2.5.8.3.
SEG46 through SEG50 cannot be configured as DIO pins. Display data for these pins are written to I/O
RAM registers LCD_SEG46[5:0] through LCD_SEG50[5:0] (see Table 58). When the ICE_E pin is pulled
high, it overrides the SEG functionality, and pins E_RXTX/SEG48, E_TCLK/SEG49 and E_RST/SEG50
function as ICE interface pins.
LCD_MAP[46] and LCD_MAP[47] (I/O RAM 0x2406[6] and 0x2407[7]) must be set to 1 in order to permit
TMUX2OUT/SEG46 and TMUXOUT/SEG47 to operate as SEG drivers, otherwise. If LCD_MAP[46] and
LCD_MAP[47] are 0, these pins operate as TMU2XOUT and TMUXOUT (see 2.5.12 Test Ports
(TMUXOUT and TMUX2OUT Pins) on page 78).
Table 58: 71M6541D/F/G LCD Data Registers for SEG46 to SEG50
SEG
46
47
48
49
50
Pin #
61
60
38
37
36
Configuration
Always LCD pins, except
when used for ICE interface
or TMUXOUT/TMUX2OUT.
SEG Data Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com