Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 33 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 33 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 29Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 30Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 31Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 32Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 33Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 34Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 35Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 36Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 37Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
33
DPTR1 is useful for copy routines, where it can make the inner loop of the routine two instructions
faster compared to the reloading of DPTR from registers. Any interrupt routine using DPTR1 must save
and restore DPS, DPTR and DPTR1, which increases stack usage and slows down interrupt latency.
By selecting the R80515 core in the Keil compiler project settings and by using the compiler directive
“MODC2”, dual data pointers are enabled in certain library routines.
An alternative data pointer is available in the form of the PDATA register (SFR 0xBF), sometimes referred
to as USR2). It defines the high byte of a 16-bit address when reading or writing XDATA with the instruction
MOVX A,@Ri or MOVX @Ri,A.
Internal Data Memory Map and Access
The Internal data memory provides 256 bytes (0x00 to 0xFF) of data memory. The internal data memory
address is always 1 byte wide. Table 11 shows the internal data memory map.
The Special Function Registers (SFR) occupy the upper 128 bytes. The SFR area of internal data memory
is available only by direct addressing. Indirect addressing of this area accesses the upper 128 bytes of
Internal RAM. The lower 128 bytes contain working registers and bit addressable memory. The lower 32
bytes form four banks of eight registers (R0-R7). Two bits on the program memory status word (PSW, SFR
0xD0 ) select which bank is in use. The next 16 bytes form a block of bit addressable memory space at
addresses 0x00-0x7F. All the bytes in the lower 128 bytes are accessible through direct or indirect
addressing.
Table 11: Internal Data Memory Map
Address Range
Direct Addressing
Indirect Addressing
0x80
0xFF
Special Function Registers (SFRs)
RAM
0x30
0x7F
Byte addressable area
0x20
0x2F
Bit addressable area
0x00
0x1F
Register banks R0…R7
2.4.2
Special Function Registers (SFRs)
A map of the Special Function Registers is shown in Table 12.
Only a few addresses in the SFR memory space are occupied, the others are not implemented. A read
access to unimplemented addresses returns undefined data, while a write access has no effect. SFRs
specific to the 71M654x are shown in bold print on a shaded field. The registers at 0x80, 0x88, 0x90,
etc., are bit addressable, all others are byte addressable.
Table 12: Special Function Register Map
Hex/
Bin
Bit
Addressable
Byte Addressable
Bin/
Hex
X000
X001
X010
X011
X100
X101
X110
X111
F8
FLAG1
STAT
REMOTE0
SPI1
FF
F0
B
F7
E8
IFLAGS
EF
E0
A
E7
D8
WDCON
DF
D0
PSW
D7
C8
T2CON
CF
C0
IRCON
C7
B8
IEN1
IP1
S0RELH
S1RELH
PDATA
BF
B0
P3 (DIO12:15)
FLSHCTL
FL_BANK PGADR
B7
A8
IEN0
IP0
S0RELL
AF
A0
P2 (DIO8:11)
A7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com