Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 82 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 82 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 78Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 79Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 80Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 81Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 82Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 83Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 84Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 85Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 86Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
82
Rev 5
Transitions from both LCD and SLP mode to BRN mode can be initiated by the following events:
•
Wake-up timer timeout.
•
Pushbutton (PB) is activated.
•
A rising edge on SEGDIO4, or a high logic level on SEGDIO52 (71M6542F/G only) or SEGDIO55.
•
Activity on the RX or OPT_RX pins.
The MPU has access to a variety of registers that signal the event that caused the wake up. See 3.4
Wake Up Behavior for details.
Table 67 shows the circuit functions available in each operating mode.
Table 67: Available Circuit Functions
Circuit Function
System Power
Battery Power
MSN (Mission Mode)
BRN (Brownout Mode)
LCD
SLEEP
PLL_FAST=1
PLL_FAST=0
PLL_FAST=1
PLL_FAST=0
CE (Computation Engine)
Yes
Yes
Note 1
Note 1
--
2
--
FIR
Yes
Yes
--
--
--
--
ADC, VREF
Yes
Yes
--
--
--
--
PLL
Yes
Yes
Yes
Yes
Boost
2
--
Battery Measurement
Yes
Yes
Yes
Yes
--
--
Temperature sensor
Yes
Yes
Yes
Yes
Yes
Yes
Max MPU clock rate
4.92MHz
(from PLL)
1.57MHz
(from PLL)
4.92MHz
(from PLL)
1.57MHz
(from PLL)
--
--
MPU_DIV clk. divider
Yes
Yes
Yes
Yes
--
--
ICE
Yes
Yes
Yes
Yes
--
--
DIO Pins
Yes
Yes
Yes
Yes
--
--
Watchdog Timer
Yes
Yes
Yes
Yes
--
--
LCD
Yes
Yes
Yes
Yes
Yes
--
LCD Boost
Yes
Yes
Yes
Yes
Yes
EEPROM Interface (2-wire)
Yes
Yes
Yes
Yes
--
--
EEPROM Interface (3-wire)
Yes
Yes
Yes
Yes
--
--
UART (full speed)
Yes
Yes
Yes
Yes
--
--
Optical TX modulation
38.4kHz
38.9kHz
38.4kHz
38.9kHz
--
--
Flash Read
Yes
Yes
Yes
Yes
--
--
Flash Page Erase
Yes
Yes
Yes
Yes
--
--
Flash Write
Yes
Yes
Yes
Yes
--
--
RAM Read and Write
Yes
Yes
Yes
Yes
--
--
Wakeup Timer
Yes
Yes
Yes
Yes
Yes
Yes
OSC and RTC
Yes
Yes
Yes
Yes
Yes
Yes
DRAM data preservation
Yes
Yes
Yes
Yes
--
--
NV RAM data preservation
Yes
Yes
Yes
Yes
Yes
Yes
Notes:
1.
The CE is active in BRN mode, but ADC data is inaccurate. The MPU should halt the CE to conserve power (CE_E = 0,
I/O RAM 0x2106[0]).
2.
“--“ indicates that the corresponding circuit is not active
3.
“Boost” implies that the LCD boost circuit is active (i.e., LCD_VMODE[1:0] = 10 (I/O RAM 0x2401[7:6]). The LCD boost
circuit requires a clock from the PLL to function. Thus, the PLL is automatically kept active if LCD boost is active while in
LCD mode, otherwise the PLL is de-activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com