Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 37 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 37 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 33Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 34Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 35Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 36Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 37Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 38Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 39Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 40Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 41Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
37
2.4.4
Instruction Set
All instructions of the generic 8051 microcontroller are supported. A complete list of the instruction set
and of the associated op-codes is contained in the 71M654X Software User’s Guide (SUG).
2.4.5
UARTs
The 71M6541D/F/G and 71M6542F/G include a UART (UART0) that can be programmed to
communicate with a variety of AMR modules and other external devices. A second UART (UART1) is
connected to the optical port, as described in 2.5.7 UART and Optical Interface.
The UARTs are dedicated 2-wire serial interfaces, which can communicate with an external host processor
at up to 38,400 bits/s (with MPU clock = 1.2288 MHz). The operation of the RX and TX UART0 pins is as
follows:
•
UART0 RX: Serial input data are applied at this pin. Conforming to RS-232 standard, the bytes are
input LSB first.
•
UART0 TX: This pin is used to output the serial data. The bytes are output LSB first.
Several UART-related registers are available for the control and buffering of serial data.
A single SFR register serves as both the transmit buffer and receive buffer (S0BUF, SFR 0x99 for UART0
and S1BUF, SFR 0x9C for UART1). When written by the MPU, SxBUF acts as the transmit buffer, and
when read by the MPU, it acts as the receive buffer. Writing data to the transmit buffer starts the
transmission by the associated UART. Received data are available by reading from the receive buffer.
Both UARTs can simultaneously transmit and receive data.
WDCON[7] (SFR 0xD8) selects whether timer 1 or the internal baud rate generator is used. All UART
transfers are programmable for parity enable, parity, 2 stop bits/1 stop bit and XON/XOFF options for
variable communication baud rates from 300 to 38400 bps. Table 17 shows how the baud rates are
calculated. Table 18 shows the selectable UART operation modes.
Table 17: Baud Rate Generation
Using Timer 1
(WDCON[7] = 0)
Using Internal Baud Rate Generator
(WDCON[7] = 1)
UART0
2
smod * f
CKMPU/ (384 * (256-TH1))
2
smod * f
CKMPU/(64 * (2
10-S0REL))
UART1
N/A
fCKMPU/(32 * (2
10-S1REL))
S0REL and S1REL are 10-bit values derived by combining bits from the respective timer reload registers.
(S0RELL, S0RELH, S1RELL, S1RELH are SFR 0xAA, SFR 0xBA, SFR 0x9D and SFR 0xBB, respectively) SMOD
is the SMOD bit in the SFR PCON register (SFR 0x87). TH1(SFR 0x8D) is the high byte of timer 1.
Table 18: UART Modes
UART 0
UART 1
Mode 0
N/A
Start bit, 8 data bits, parity, stop bit, variable
baud rate (internal baud rate generator)
Mode 1
Start bit, 8 data bits, stop bit, variable
baud rate (internal baud rate generator
or timer 1)
Start bit, 8 data bits, stop bit, variable baud
rate (internal baud rate generator)
Mode 2
Start bit, 8 data bits, parity, stop bit,
fixed baud rate 1/32 or 1/64 of fCKMPU
N/A
Mode 3
Start bit, 8 data bits, parity, stop bit,
variable baud rate (internal baud rate
generator or timer 1)
N/A
Parity of serial data is available through the P flag of the accumulator. 7-bit serial modes with
parity, such as those used by the FLAG protocol, can be simulated by setting and reading bit 7 of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com